Electronic Components Datasheet Search
  English  ▼

X  

MPQ8112 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MPQ8112 Datasheet HTML 1Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 2Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 3Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 4Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 5Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 6Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 7Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE, CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
5
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12V, VRG1 = 12V, TA = -40°C to +125°C, typical values at TJ = 25°C. RG1 = RG2 = 0Ω, and ROUT
not used for the MPQ8112. RG1 = RG2 = 1kΩ, and ROUT = 10kΩ for the MPQ8112A. All unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply voltage
VCC
2.7
60
V
Common mode input
voltage
VCM
0
VCC
V
V5 supply voltage
V5
2.7
5.5
V
Supply current
ICC + IV5
VSENSE = 0, VCC = 60V, V5 = 5V
300
360
µA
Common mode input
rejection (6)
CMR
VSENSE = 100mV, VCC = 60V,
VCM1 = 60V, VCM2 = 22V
65
90
dB
Full-scale sense voltage
VSENSE
VSENSE = VRG1 - VRG2
200
mV
Input offset voltage (7)
VOS
VCM = 12V, VSENSE1 = 100mV,
VSENSE2 = 20mV
0.3
1
mV
Input bias current
IRG1, IRG2
VCM = 12V
0.25
1
µA
Current-sense gain
GM
TJ = 25°C
4.95
5
5.05
A/A
TJ = -40°C to +125°C
4.9
5
5.1
Output voltage gain
AV
MPQ8112, VSENSE = 100mV,
VCM = 12V, TJ = 25°C
49.5
50
50.5
V/V
MPQ8112, VSENSE = 100mV,
VCM = 12V, TJ = -40°C to +125°C
49
50
51
Bandwidth (8)
BW
COUT = 5pF
700
kHz
Power supply rejection
ratio (9)
PSRR
VCC1 = 60V, VCC2 = 2.7V,
VSENSE = 24mV
70
80
dB
V5 upper threshold
voltage
VTH_UPPER
1.3
2
2.5
V
V5 lower threshold
voltage
VTH_LOWER
1.2
1.9
2.4
V
V5 shutdown supply
current
ICC(SHDN)
V5 = 1V
0.2
2
µA
Output respond time (8)
RG1 = RG2 = 1k
Ω, ROUT = 10kΩ,
VSENSE = 5mV to 100mV,
VOUT from 10% to 90%
500
ns
RG1 = RG2 = 1k
Ω, ROUT = 10kΩ,
VSENSE = 100mV to 5mV,
VOUT from 10% to 90%
500
Notes:
6) CMR = 20 x log[(VCM1 - VCM2) / (VOUT1 - VOUT2)]. VOUT1 is the output voltage at VCM1, and VOUT2 is the output voltage at VCM2.
7) VOS = VSENSE1 - VOUT1 / [(VOUT1 - VOUT2) / (VSENSE1 - VSENSE2)]. VOUT1 is the output voltage at VSENSE1, and VOUT2 is the output voltage at VSENSE2.
8) Not tested in production. Guaranteed by design and characterization.
9) PSRR = 20 x log[(VCC1 - VCC2) / (VOUT1 - VOUT2)]. VOUT1 is the output voltage at VCC1, and VOUT2 is the output voltage at VCC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com