Electronic Components Datasheet Search
  English  ▼

X  

MPQ8112 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MPQ8112 Datasheet HTML 6Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 7Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 10Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 11Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 12Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 13Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
10
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MPQ8112 and MPQ8112A are high-side
current-sense amplifiers with a wide 2.7V to 60V
operating
input
voltage
(VCC)
range.
Their
common mode input voltage (VCM) is based on
VCC, with an operating range of 0 ≤ VCM ≤ VCC ≤
60V.
The MPQ8112 directly converts a differential
input voltage to a voltage output with built-in
internal common input resistors and a load
resistor. The MPQ8112 has a 50V/V gain.
The MPQ8112A converts the differential input
voltage to a current output. This current is
converted back to a voltage with an external load
resistor. The MPQ8112A has an adjustable gain
based on the external common input resistors
and load resistor.
Gain Setting
The sense current (ISENSE) flows through the
sense resistor (RSENSE), which generates a sense
voltage
(VSENSE).
The
high-precision
sense
amplifier built into the MPQ8112/MPQ8112A
monitors the differential voltage (VSENSE) and
dynamically adjusts the gate voltage of the
internal N-channel MOSFET (M1) to maintain an
equal
passing
current
(IRG1).
IRG1
is
then
multiplied by a gain factor (GM) in the output
stage current mirror, and finally flows through
ROUT to generate VOUT.
The MPQ8112/MPQ8112A
’s output (VOUT) can
be estimated with Equation (1):
VOUT = ISENSE x RSENSE / RG1 x GM x ROUT
(1)
Where GM is 5A/A, and RG1 and ROUT are external
resistors for the MPQ8112A. For the MPQ8112,
RG1 is instead RIN_1, and ROUT is instead RIN_OUT.
These values are
1kΩ and 10kΩ, respectively.
The total gain (AV) can be calculated with
Equation (2):
AV = VOUT / VSENSE = ROUT / RG1 x GM
(2)
The
MPQ8112A’s gain is adjustable by selecting
different
combinations
of
ROUT
/
RG1.
The
MPQ8112
’s gain is fixed to 50V/V, and set by the
internal resistors (RIN_1 and RIN_OUT).
VCC Supply
The VCC supply is the power source for the
internal input stage amplifier and output stage
current mirror circuitry. Use a bypass capacitor to
ensure stability. Apply a 0.1µF to 1µF low-ESR
ceramic capacitor between VCC and GND, as
close as possible. If the VCC power source is
noisy, additional capacitance may be required.
Common Input Voltage
The
MPQ8112/MPQ8112A
’s
common
input
ranges between 0V and VCC.
The minimum common input voltage is 0V. If the
common input voltage is below 1.2V, an internal,
dedicated compensation circuit is activated and
drives the M1 drain voltage high enough to make
the shunt current (IRG1) pass into the current
mirror. The compensation circuit can cause the
output error to rise when VCM is below 1.2V ( for
more information, see the Output Error vs. VSENSE
curves
in
the
Typical
Performance
Characteristics section on page 7).
It is recommended to ensure that the common
input voltage (VRG1) does not exceed VCC since
VRG1 is the positive input of the amplifier, which is
powered by VCC.
V5 Supply
V5 supplies the internal control block. It also
supplies the compensation circuit when the
common input voltage (VRG1 / VRG2) is low.
V5 can act like a digital control pin that turns the
current-sense amplifier on and off. If V5 is pulled
below its 1.9V lower threshold voltage, the chip
shuts down. If V5 is pulled above its 2V upper
threshold voltage, the part turns on.
In addition, if the common input voltage drops
below 1.2V, the compensation circuit is activated
and drives the M1 drain voltage high enough to
make the shunt current (IRG1) pass into the
current
mirror.
The
compensation
circuit
consumes 0.1mA to 1mA of current when it starts
to
work.
Therefore,
V5
requires
a
low-
impendence power source and a 10nF to 100nF
ceramic bypass capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com