Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 16Page - ESS Technology,Inc ES9018S Datasheet HTML 17Page - ESS Technology,Inc ES9018S Datasheet HTML 18Page - ESS Technology,Inc ES9018S Datasheet HTML 19Page - ESS Technology,Inc ES9018S Datasheet HTML 20Page - ESS Technology,Inc ES9018S Datasheet HTML 21Page - ESS Technology,Inc ES9018S Datasheet HTML 22Page - ESS Technology,Inc ES9018S Datasheet HTML 23Page - ESS Technology,Inc ES9018S Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
20
Register 5: VOLUME OF DAC 5
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME_DAC5
Volume in dBs = -REG_VALUE/2
Register 6: VOLUME OF DAC 6
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME_DAC6
Volume in dBs = -REG_VALUE/2
Register 7: VOLUME OF DAC 7
Bits
[7:0]
Default
8'd0
Bits
Mnemonic
Description
[7:0]
VOLUME_DAC7
Volume in dBs = -REG_VALUE/2
Register 8: AUTOMUTE LEVEL
Bits
[7]
[6:0]
Default
1'b0
7'd104
Bits
Mnemonic
Description
[7]
SPDIF_ENABLE
SPDIF input select.
•
1'b0: Use either I2S or DSD input
•
1'b1: Use SPDIF input
[6:0]
AUTOMUTE_LEVEL
Automute trigger point select.
Automute trigger point in dB's = -REG_VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com