Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 41 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 41 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 37Page - ESS Technology,Inc ES9018S Datasheet HTML 38Page - ESS Technology,Inc ES9018S Datasheet HTML 39Page - ESS Technology,Inc ES9018S Datasheet HTML 40Page - ESS Technology,Inc ES9018S Datasheet HTML 41Page - ESS Technology,Inc ES9018S Datasheet HTML 42Page - ESS Technology,Inc ES9018S Datasheet HTML 43Page - ESS Technology,Inc ES9018S Datasheet HTML 44Page - ESS Technology,Inc ES9018S Datasheet HTML 45Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
41
ES9018S Product Datasheet
Absolute Maximum Ratings
PARAMETER
RATING
Storage temperature
–65
C to +105C
Voltage range for 5V tolerant pins
–0.5V to +5.5V
Voltage range for all other pins
–0.5V to (DVCC_T+0.5V) or
–0.5V to (DVCC_B+0.5V)
Table 9 – Absolute Maximum Ratings
WARNING: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended
periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
Recommended Operating Conditions
PARAMETER
SYMBOL
CONDITIONS
Operating temperature
TA
0
C to 70C
Digital core supply voltage
VDD
1.2V
 5%, 37mA nominal (Note 1)
Digital power supply voltage
DVCC_T, DVCC_B
3.3V
 5%, 7mA nominal (Note 1)
Analog power supply voltage
AVCC_L, AVCC_R
3.3V
 5%, 25mA nominal (Note 1)
Table 10 - Recommended Operating Conditions
Note: fs = 48kHz, MCLK = 40MHz, I2S input, output unloaded
DC Electrical Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
COMMENTS
VIH
High-level input voltage
2.0
DVCC_T or
DVCC_B
V
All inputs TTL levels except CLK
and 5V tolerant input pins
2.0
5.5
V
All 5V tolerant inputs
VIL
Low-level input voltage
–0.3
0.8
V
All input TTL levels except CLK
VCLKH
CLK high-level input
2.0
DVCC_B+0.25
V
TTL level input
VCLKL
CLK low-level input
–0.3
0.8
V
VOH
High-level output voltage
3.0
V
IOH = 1mA
VOL
Low-level-output voltage
0.45
V
IOL = 4mA
ILI
Input leakage current
15
A
ILO
Output leakage current
15
CIN
Input capacitance
10
pF
fc = 1MHz
CO
Input/output capacitance
12
CCLK
CLK capacitance
5
pF
fc = 1MHz
Table 11 - DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com