Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 44 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 44 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 40Page - ESS Technology,Inc ES9018S Datasheet HTML 41Page - ESS Technology,Inc ES9018S Datasheet HTML 42Page - ESS Technology,Inc ES9018S Datasheet HTML 43Page - ESS Technology,Inc ES9018S Datasheet HTML 44Page - ESS Technology,Inc ES9018S Datasheet HTML 45Page - ESS Technology,Inc ES9018S Datasheet HTML 46Page - ESS Technology,Inc ES9018S Datasheet HTML 47Page - ESS Technology,Inc ES9018S Datasheet HTML 48Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
2.3
ES9018S Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
44
Analog Performance
Test Conditions (unless otherwise stated)
1.
TA = 25oC, AVCC = +3.3V, DVCC = +1.2V, fs = 44.1kHz, MCLK = 27MHz and 32-bit data
2.
SNR/DNR: A-weighted over 20Hz-20kHz in averaging mode
3.
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
MCLK (PCM normal mode)
> 192 x Fs (for Fs
 200kHz)
> 256 x Fs (200kHz < Fs
 384kHz)
Hz
MCLK (PCM OSF bypass mode)
> 24 x Fs
Hz
MCLK (DSD mode)
> 3 x Fs
Hz
MCLK (SPDIF mode)
> 386 x Fs
Hz
DYNAMIC PERFORMANCE
DNR (mono differential current mode)
–60dBFS
135
dB-A
DNR (stereo differential current mode)
–60dBFS
133
dB-A
DNR (8-Ch differential current mode)
–60dBFS
129
dB-A
DNR (8-Ch differential voltage mode)
–60dBFS
120
dB-A
THD+N (differential current mode)
0dBFS
–120
dB
THD+N (differential voltage mode)
0dBFS
–108
dB
PCM sampling freq (Fs, normal mode)
MCLK > 192 x Fs
MCLK > 256 x Fs
200
384
kHz
PCM sampling freq (Fs, OSF bypass)
MCLK > 24 x Fs
1.536
MHz
ANALOG OUTPUT
Differential (+ or –) voltage output range
Full-scale out
3.05
(0.924 x AVCC)
Vp-p
Differential (+ or –) voltage output offset
Bipolar zero out
1.65
(AVCC / 2)
V
Differential (+ or –) current output range
(Note *1)
Full-scale out
3.903
mAp-p
Differential (+ or –) current output offset
(Note *1)
Bipolar zero out
to virtual ground
at voltage Vg (V)
2.112 – (1000 x Vg) /
834
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
127
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com