Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 45 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 45 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 41Page - ESS Technology,Inc ES9018S Datasheet HTML 42Page - ESS Technology,Inc ES9018S Datasheet HTML 43Page - ESS Technology,Inc ES9018S Datasheet HTML 44Page - ESS Technology,Inc ES9018S Datasheet HTML 45Page - ESS Technology,Inc ES9018S Datasheet HTML 46Page - ESS Technology,Inc ES9018S Datasheet HTML 47Page - ESS Technology,Inc ES9018S Datasheet HTML 48Page - ESS Technology,Inc ES9018S Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
45
ES9018S Product Datasheet
PCM Filter Characteristics (Sharp Roll Off)
Pass band
0.003dB
0.454 x fs
Hz
–3dB
0.49 x fs
Hz
Stop band
< –115dB
0.546 x fs
Hz
Group Delay
35 / fs
s
PCM Filter Characteristics (Slow Roll Off)
Pass band
0.05dB
0.308 x fs
Hz
–3dB
0.454 x fs
Hz
Stop band
< –100dB
0.814 x fs
Hz
Group Delay
6.25 / fs
s
DSD Filter Characteristics
Pass band
–3dB
50 / 60 / 70
kHz
Stop band attenuation
18
dB/oct
Table 12 - Analog Performance
Note
*1. Differential (+ or –) current output is equivalent to a differential (+ or –) voltage source in series with an 834
 11% resistor. The
differential (+ or –) voltage source has a peak-to-peak output range of (0.924 x AVCC) = 3.05V and an output offset of (AVCC / 2) = 1.65V
with a 3.3V AVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com