Electronic Components Datasheet Search
  English  ▼

X  

ES9018S Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9018S
Description  Reference 32-bit Audio DAC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9018S Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9018S Datasheet HTML 5Page - ESS Technology,Inc ES9018S Datasheet HTML 6Page - ESS Technology,Inc ES9018S Datasheet HTML 7Page - ESS Technology,Inc ES9018S Datasheet HTML 8Page - ESS Technology,Inc ES9018S Datasheet HTML 9Page - ESS Technology,Inc ES9018S Datasheet HTML 10Page - ESS Technology,Inc ES9018S Datasheet HTML 11Page - ESS Technology,Inc ES9018S Datasheet HTML 12Page - ESS Technology,Inc ES9018S Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
2.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
COM
9
ES9018S Product Datasheet
Functional Descriptions
Notations for Sampling Rates
Mode
fs
Fs
DSD
DATA_CLK / 64
DSD data rate
Serial (PCM) Normal Mode
DATA_CLK / 64
DATA_CLK / 64
Serial (PCM) OSF Bypass Mode
DATA_CLK / 8
DATA_CLK / 8
SPDIF
SPDIF Sampling Rate
SPDIF Sampling Rate
Table 2 - Notations for Sampling Rates
PCM, SPDIF and DSD Pin Connections
The following tables show how the pins are used for PCM and DSD audio formats.
PCM Audio Format
Notes:
•
XI clock (MCLK) must be > 192 x Fs (for Fs
 200kHz) when using PCM input (normal mode)
•
XI clock (MCLK) must be > 256 x Fs (200kHz < Fs
 384kHz) when using PCM input (normal mode)
•
XI clock (MCLK) must be > 24 x Fs (Fs
 1.536MHz) when using PCM input (OSF bypass mode)
Pin Name
Description
DATA1
Frame clock
DATA[2:5]
8-channel PCM serial data
DATA_CLK
Bit clock for PCM audio format
Table 3 - PCM pin connections
SPDIF Audio Formant
Note: XI clock (MCLK) must be > 386 x Fs (for Fs
 200kHz) when using SPDIF input
Pin Name
Description
DATA[1:8]
Up to 8 SPDIF inputs can be connected to an 8-to-1 mux internal to
SABRE32 Reference, selectable via register SPDIF Source
Table 4 - SPDIF pin connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com