Electronic Components Datasheet Search
  English  ▼

X  

ES9080 Datasheet(PDF) 140 Page - ESS Technology,Inc

Part # ES9080
Description  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080 Datasheet(HTML) 140 Page - ESS Technology,Inc

Back Button ES9080 Datasheet HTML 136Page - ESS Technology,Inc ES9080 Datasheet HTML 137Page - ESS Technology,Inc ES9080 Datasheet HTML 138Page - ESS Technology,Inc ES9080 Datasheet HTML 139Page - ESS Technology,Inc ES9080 Datasheet HTML 140Page - ESS Technology,Inc ES9080 Datasheet HTML 141Page - ESS Technology,Inc ES9080 Datasheet HTML 142Page - ESS Technology,Inc ES9080 Datasheet HTML 143Page - ESS Technology,Inc ES9080 Datasheet HTML 144Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ES9080 Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
140
w 0x90 90 0x06;
//TDM_CH7_LINE_SEL = 00 (DATA2), TDM_CH7_SLOT_SEL = 6
w 0x90 91 0x07;
//TDM_CH8_LINE_SEL = 00 (DATA2), TDM_CH8_SLOT_SEL = 7
w 0x90 109 0xE4; //Set Dither into the IIR filters for best low level linearity
//THD Compensation Registers
w 0x90 111 0x68; //THD C2 Coefficient for CH1/3/5/7
w 0x90 112 0x01; //THD C2 Coefficient for CH1/3/5/7
w 0x90 113 0x8D; //THD C3 Coefficient for CH1/3/5/7
w 0x90 115 0x68; //THD C2 Coefficient for CH2/4/6/8
w 0x90 116 0x01; //THD C2 Coefficient for CH2/4/6/8
w 0x90 117 0x8D; //THD C3 Coefficient for CH2/4/6/8
//Automute Registers
w 119 0xFF; //Enable Automute for 8 channels
w 120 0x0F; //Set Automute parameters
w 121 0xC0; //Set Automute parameters
w 122 0x08; //Set Automute Engage level to -120.4dB
w 124 0x0A; //Set Automute Disengage level to -118.4dB
//NSMOD Registers
w 0x90 128 0xCC; //Set the NSMOD dither phases for best performance if summing channels
together, (NOTE: not strictly needed for 8 channel mode)
w 0x90 129 0x54; //Set NSMOD dither type, and use 1/8th gain parameter in the NSMOD
w 0x90 131 0x44; //Set the Amount of dither into the NSMOD CH1/2 quantizer to best
linearity
w 0x90 132 0x44; //Set the Amount of dither into the NSMOD CH3/4 quantizer to best
linearity
w 0x90 133 0x44; //Set the Amount of dither into the NSMOD CH5/6 quantizer to best
linearity
w 0x90 134 0x44; //Set the Amount of dither into the NSMOD CH7/8 quantizer to best
linearity
//DRE Registers
w 0x90 136 0xFF; //Set the DRE to turn off the THDR at low volume for power saving, and to
swap analog and digital gain at low volume for best DNR
w 0x90 139 0xFF; //Allow DRE to still trigger is there is a small DC offset in the music.
(Some recordings have small DC offsets in them)
w 0x90 140 0x56; //Set DRE digital gain of CH1/3/5/7 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 141 0x1A; //Set DRE digital gain to CH1/3/5/7 to 16.37dB to match the Analog
attenuate amount when DRE turns on
w 0x90 142 0x56; //Set DRE digital gain to CH2/4/6/8 to 16.37dB to match the Analog
attenuate amount when DRE turns on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com