Electronic Components Datasheet Search
  English  ▼

X  

NJ88C50/MA/NP Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # NJ88C50/MA/NP
Description  Dual Low Power Frequency Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C50/MA/NP Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button NJ88C50/MA/NP Datasheet HTML 4Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 5Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 6Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 7Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 8Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 9Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 10Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 11Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
NJ88C50
The information contained within each word is given below.
Data bits are shifted in on the leading clock edge, with the least
significant bit(LSB) of the word first and the MSB of the word
last. (Note that individual sections of data within a word are
loaded with the MSB of that section first. An example of this
is given after this description of Word A)
Word Format
MSB...........................................LSB
Word A
|0| NF | N1
|N2 or N2 and N2+N3|
|3 bits| 12 bits |
8 bits
|
NF = Fractional-N incremental value. (MSB first)
N1 = Number of cycles prescaler ratio R1 is used. (MSB first)
N2 = Number of cycles prescaler ratio R2 is used. (MSB first)
N3 = Number of cycles prescaler ratio R3 is used. (MSB first)
If a two modulus prescaler is being used N2= 8 bits.
If a three or four modulus prescaler is being used
N2 = 4 bits and N2+N3= 4 bits(modulo-16 addition).
Therefore if the following values are required NF=3
N1=51 N2=25 the input word would be
0
110
110011000000
10011000
NF
N1
N2
Word A2
|0|
NF | N1
|N2 or N2 and N2+N3 | CN |
|3 bits | 12 bits |
8 bits
|8 bits |
CN = Scaling factor for current setting. (MSB first)
Word B
|1000 |N2+N3+N4| CN | K | L | P1,P2 |
|
4 bits
| 8 bits|4 bits|2 bits| 2 bits |
N4 = Number of cycles prescaler ratio R4 is used and
(N2+N3+N4) is modulo-16 addition. (MSB first)
CN = Scaling factor for current setting. (MSB first)
K = Acceleration factor for integral charge pump. (MSB first)
L = Acceleration factor for proportional charge pump.
(MSB first)
P1,P2 = Number of modulii of prescaler.
No. of modulii P2 P1
Two
0 0
Three
0 1
Four
1 0
Word C
|1001|
NA
|
|
| 12 bits | 8 bits free |
NA = Variable frequency for auxiliary synthesiser.
(MSB first)
Word D
|1010 | NR |SM1,SM2| DM |SA1,SA2| DA|FMOD|LONG|
|12 bits|
2 bits | 1 bit | 2 bits |1 bit| 1 bit | 1 bit |
NR = Reference frequency division value. (MSB first)
SM1,SM2 = Main reference source select (Rmain).
SM1 SM2
RMAIN
0
0
M
0
1
2M
1
0
4M
1
1
8M
SA1,SA2 = Auxiliary reference source select (Raux).
SA1 SA2
RAUX
0
0
M
0
1
2M
1
0
4M
1
1
8M
FMOD = Fractional-N modulus select (5 or 8).
FMOD MODULUS
0
5
1
8
DA = Disable auxiliary synthesiser.
DA=1-disabled
DA=0-enabled
DM = Disable main synthesiser.
DM=1-disabled
DM=0-enabled
LONG = Word A or A2 select.
LONG=0 Word A selected
LONG=1 Word A2 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com