Electronic Components Datasheet Search
  English  ▼

X  

NJ88C50/MA/NP Datasheet(PDF) 12 Page - Zarlink Semiconductor Inc

Part # NJ88C50/MA/NP
Description  Dual Low Power Frequency Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C50/MA/NP Datasheet(HTML) 12 Page - Zarlink Semiconductor Inc

Back Button NJ88C50/MA/NP Datasheet HTML 8Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 9Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 10Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 11Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 12Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 13Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 14Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 15Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 16Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
NJ88C50
Notes
1. The typical value of
IINT is set by the value of Iprop(1) and the programmed value of K.
2. The current output
IINT is specified between 1mA and 10mA.
Notes
1. The typical value of
ICOMP(0) is set by the fractional-N accumulator value Acc and the current Irsc set by the external
resistor RSC, where
Ico=Irsc /128. Irsc is typically 12.8µA.
2. The typical value of
ICOMP(1) is set by the value of ICOMP(0) and the programmed value of L.
3. The current output
ICOMP is specified up to 12
µA.
4. The typical value of ICOMP2 is set by the value of ICOMP(1) and the programmed value of
K.
5. The current output ICOMP2 is specified up to 180
µA.
Max
+10%
+10%
+10%
+10%
50
Parameter
Output signal - PDI
IINT Up
(1mA - 5mA)
see notes 1&2
IINT Down
(1mA - 5mA)
see notes 1&2
IINT Up
(5mA - 10mA)
see notes 1&2
IINT Down
(5mA - 10mA)
see notes 1&2
Tristate
Output signals - Main synthesiser, integral output
Min
-10%
-10%
-10%
-10%
Typ
+Ibo.CN.2L+1.K
-Ibo.CN.2L+1.K
+Ibo.CN.2L+1.K
-Ibo.CN.2L+1.K
DYNAMIC
Vdd = 5V, Tamb = -40 to +85
°C
Parameter
Output signal - PDP
ICOMP(0)
see notes 1&3
ICOMP (1)
see notes 2&3
Output signal - PDI
ICOMP2
see notes 4&5
Output signals - Main synthesiser, under Fractional-N control
Min
-10%
-10%
-10%
Max
+10%
+10%
+10%
DYNAMIC
Vdd = 5V, Tamb = -40 to +85
°C
Typ
Ico.Acc.
Ico.Acc.2L+1.
Ico.Acc.2L+1.K
Unit
mA
mA
mA
mA
nA
Unit
µA
µA
µA
Condition
0<VPD<4.45V, Strobe=5V
0.35<VPD<5V, Strobe=5V
0<VPD<4.3V, Strobe=5V
0.5<VPD<5V, Strobe=5V
Condition
0<VPD<4.55V, Strobe=0V
0<VPD<4.55V, Strobe=5V
0<VPD<4.55V, Strobe=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com