Electronic Components Datasheet Search
  English  ▼

X  

NJ88C50/MA/NP Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # NJ88C50/MA/NP
Description  Dual Low Power Frequency Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C50/MA/NP Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button NJ88C50/MA/NP Datasheet HTML 7Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 8Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 9Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 10Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 11Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 12Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 13Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 14Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
NJ88C50
DYNAMIC
Vdd = 5V
± 10%, Tamb = -40 to +85°C
Parameter
Modulus control - MOD1 MOD2
Output voltage high
Output voltage low
Output signals
Min
Vdd-0.4
0
Typ
Max
Vdd
0.4
Unit
V
V
Condition
Push-Pull output
IOH = 0.5mA
IOL = 0.5mA
Modulus output truth table
MOD2
0
0
1
1
MOD1
1
0
0
1
Prescaler modulus
R1
R2
R3
R4
Typ
Ipda
Ipda
Parameter
Output signal - PDA
Up current - See Note 5
Down current - See Note 5
Tristate
Output signals - Auxiliary synthesiser
Min
-10%
-10%
Max
+10%
+10%
10
Unit
µA
µA
nA
DYNAMIC
Vdd = 5V, Tamb = -40 to +85
°C
Parameter
Output signal - PDP
Iprop(0) Up
see notes 1, 3 & 4
Iprop(0) Down
see notes 1, 3 & 4
Iprop(1) Up
see notes 2&3
Iprop(1) Down
see notes 2&3
Tristate
Output signals - Main synthesiser, proportional output
Min
-10%
-10%
-10%
-10%
Typ
+Ibo.CN
-Ibo.CN
+Ibo.CN.2L+1
-Ibo.CN.2L+1
Max
+10%
+10%
+10%
+10%
50
DYNAMIC
Vdd = 5V, Tamb = -40 to +85
°C
Unit
µA
µA
µA
µA
nA
Condition
0<VPD<4.55V, Strobe=0V
0.45<VPD<5V, Strobe=0V
0<VPD<4.55V, Strobe=5V
0.45<VPD<5V, Strobe=5V
Notes
1. The typical value of
IPROP(0) is set by the programmed value of CN and the current Irsm set by the external resistor
RSM, where
Ibo=Irsm / 32. Irsm is typically 32µA.
2. The typical value of
IPROP(1) is set by the value of IPROP(0) and the programmed value of L.
3. The current output
IPROP is specified between 100
µA and 1mA.
4. The output current is monotonic over the CN range 128-255. In standard operation CN is set at a value > 128.
5. Where Ipda depends on the value of current setting resistor on RSA pin (9). Ipda max = 250µA
Condition
0<VPD<4.35V
0.65<VPD<5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com