Electronic Components Datasheet Search
  English  ▼

X  

NJ88C50/MA/NP Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # NJ88C50/MA/NP
Description  Dual Low Power Frequency Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C50/MA/NP Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button NJ88C50/MA/NP Datasheet HTML 6Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 7Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 8Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 9Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 10Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 11Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 12Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 13Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
NJ88C50
Notes
1. Source impedance = 50
Ω
2. Virtual earth input amplifier, therfore low impedance for small signals. Impedance is high once signal amplitude exceeds
typically
±0.125V.
3. Input amplifier may become unstable for higher values of Z
S
.
DYNAMIC
AC Characteristics
Vdd = 5V
± 10%, Tamb = -40 to +85°C
Parameter
Data and strobe
Input voltage high
Input voltage low
Input capacitance
Input current
Clock
Input voltage high
Input voltage low
Input capacitance
Input current
Input frequency
Current setting pins
Input Signal RSA
Input current
Input Signal RSM
Input current
Input Signal RSC
Input current
Input signals - Logic and current defining pins
Min
Vdd-0.8
0
Vdd-0.8
0
Typ
80
32
12.8
Max
Vdd
0.8
10
10
Vdd
0.8
10
10
10
Unit
V
V
pF
µA
V
V
pF
µA
MHz
µA
µA
µA
Condition
Notes 1, 4
Notes 2, 4
Notes 3, 4
Notes
1. The current set on pin RSA will be scaled up on chip by a factor of 3 to give the value of the auxiliary phase detector
output.
2. The current set on pin RSM will be scaled down on chip by a factor of 32 to provide the current
Ibo to the main phase
detector which gives the outputs
Iprop and Iint.
3. The current set on pin RSC will be scaled down on chip by a factor of 128 to provide the current
Ico to the main phase
detector which gives the outputs
Icomp and Icomp 2.
4. The voltage on each of the three current setting pins (RSA, RSM, RSC) is approximately 4V.
Therefore to give a typical current of 32
µA on RSM for example, a 125kΩ resistor connected between the pin and GND
would be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com