Electronic Components Datasheet Search
  English  ▼

X  

NJ88C50/MA/NP Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # NJ88C50/MA/NP
Description  Dual Low Power Frequency Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

NJ88C50/MA/NP Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button NJ88C50/MA/NP Datasheet HTML 5Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 6Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 7Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 8Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 9Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 10Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 11Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 12Page - Zarlink Semiconductor Inc NJ88C50/MA/NP Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
NJ88C50
DYNAMIC
AC Characteristics
Vdd = 5V
± 10%, Tamb = -40 to +85°C
Parameter
Input-RI
Reference input - Ri
Rise time
Fall time
Input voltage - Ri
Input capacitance
Large signal input impedance
Source impedance Z
S
Aux synthesiser input -FIA
Input frequency - Fia
Rise time
Fall time
Input voltage
Input capacitance
Large signal input impedance
Source impedance
Main synthesiser input -FIM
Input frequency - Fim
Rise time
Fall time
Input voltage
Common mode input DC voltage range
Input capacitance
Input impedance
Input Current
Input signals - RF
Min
10
1
0.1
0.25
200
20
1
0.35
0.1
0.35
200
10
1
0.2
2.8
100
Typ
Max
35
35
20
20
1
1
10
1.5
125
125
10
10
1
1
1
10
1.5
30
30
50
50
1
Vdd-1
10
10
Parameter
Supply voltage
Supply current
Static
Electrical Characteristics
DC Characteristics
Vdd = 5V
± 10%, Tamb = -40 to +85°C
Min
4.5
Typ
5.0
6
3
4
2
4
2
10
Max
5.5
5
3
3
Unit
V
mA
mA
mA
mA
mA
mA
µA
Unit
MHz
MHz
ns
ns
Vpk-pk
Vpk-pk
pF
k
Ω
k
Ω
MHz
MHz
ns
ns
Vpk-pk
Vpk-pk
Vpk-pk
pF
k
Ω
k
Ω
MHz
MHz
ns
ns
Vpk-pk
V
pF
M
Ω
µA
Condition
sinewave input, Note 1
pulse input, Note 1
Ri = 20-35MHz, Note 1
Ri = 10-19MHz, Note 1
Note 2
Note 3
sinewave input, Note 1
pulse input, Note 1
Fia = 20-49MHz, Note 1
Fia = 50-99MHz, Note 1
Fia = 100-125MHz, Note 1
Note 2
Note 3
sinewave input
pulse input
Single ended input
Condition
Both synthesisers on
(Fia = 125MHz, Fim = 30MHz, Ri = 35MHz)
Both synthesisers on
(Fia = 10MHz, Fim = 10MHz, Ri = 10MHz)
Main on, Auxiliary in stand-by (Fim=30MHz, Ri=35MHz)
Main on, Auxiliary in stand-by (Fim=10MHz, Ri =10MHz)
Auxiliary on, Main in stand-by (Fia=125MHz, Ri=35MHz)
Auxiliary on, Main in stand-by (Fia=10MHz, Ri=10MHz)
Main and auxiliary in standby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com