Electronic Components Datasheet Search
  English  ▼

X  

RHR801 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 1 Page - STMicroelectronics

  RHR801 Datasheet HTML 1Page - STMicroelectronics RHR801 Datasheet HTML 2Page - STMicroelectronics RHR801 Datasheet HTML 3Page - STMicroelectronics RHR801 Datasheet HTML 4Page - STMicroelectronics RHR801 Datasheet HTML 5Page - STMicroelectronics RHR801 Datasheet HTML 6Page - STMicroelectronics RHR801 Datasheet HTML 7Page - STMicroelectronics RHR801 Datasheet HTML 8Page - STMicroelectronics RHR801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
RHR801
Rad-hard very high-speed comparator
Datasheet - production data
Features
•
Propagation time of 7 ns
•
Rise/fall time: 1.1 ns on 10 pF
•
Low consumption: 1.4 mA
•
Single supply: 3 V to 5 V
•
100 krad high-dose rate
•
SEL-free up to 120 MeV.cm²/mg
•
SET characterized
Applications
•
High-speed timing
•
High-speed sampling
•
Clock recovery
•
Clock distribution
•
Phase detectors
Description
The RHR801 is a very high-speed single
comparator. It is designed to allow very high rise
and fall times while drawing a high noise supply
rejection. It uses a high-speed complementary
BiCMOS process to achieve its very good
speed/power ratio and its high tolerance to
radiation. The RHR801 is mounted in a hermetic
Flat-8 package.
Table 1: Device summary
Parameter
RHR801K1
RHR801K01V
SMD (1)
—
5962-10215
Quality level
Engineering model
QML-V flight
Package Mass
Flat-8 0.45 g
EPPL (2)
—
Yes
Temp. range
-55 °C to 125 °C
•
Notes:
(1)SMD: standard microcircuit drawing
(2)EPPL = ESA preferred part list
June 2017
DocID026299 Rev 4
1/32
This is information on a product in full production.
www.st.com


Similar Part No. - RHR801

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHR15120 FAIRCHILD-RHR15120 Datasheet
347Kb / 5P
15A, 1200V Hyperfast Diode
logo
Inchange Semiconductor ...
RHR15120 ISC-RHR15120 Datasheet
295Kb / 2P
Ultrafast Recovery Diode
logo
Intersil Corporation
RHR1K160 INTERSIL-RHR1K160 Datasheet
113Kb / 8P
1A, 600V Hyperfast Diode
January 2000
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
1A, 600V Hyperfast Dual Diode
January 2000
logo
PANDUIT CORP.
RHR2BL-S PANDUIT-RHR2BL-S Datasheet
104Kb / 2P
Thermal Transfer Resin Ribbon
More results

Similar Description - RHR801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
M54HC85 STMICROELECTRONICS-M54HC85_04 Datasheet
302Kb / 10P
RAD HARD 4-BIT MAGNITUDE COMPARATOR
01-Jun-2004
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
Rad-hard advanced high-speed 5 V CMOS logic series
23-Apr-2012
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
Rad-hard advanced high-speed 5 V CMOS logic series
23-May-2013
logo
Anaren Microwave
MSK0002RH ANAREN-MSK0002RH Datasheet
305Kb / 5P
RAD HARD, HIGH SPEED, BUFFER AMPLIFIER
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHFAHC00 STMICROELECTRONICS-RHFAHC00 Datasheet
631Kb / 15P
Rad-Hard, quad high speed NAND gate
16-Jul-2018
RHRDAC1612 STMICROELECTRONICS-RHRDAC1612 Datasheet
3Mb / 47P
Rad-hard high resolution DAC
06-Nov-2017
logo
Microsemi Corporation
MSR2N2369AUB MICROSEMI-MSR2N2369AUB Datasheet
517Kb / 7P
Rad Hard NPN Silicon High Speed Switching Transistor
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com