Electronic Components Datasheet Search
  English  ▼

X  

RHR801 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 4 Page - STMicroelectronics

  RHR801 Datasheet HTML 1Page - STMicroelectronics RHR801 Datasheet HTML 2Page - STMicroelectronics RHR801 Datasheet HTML 3Page - STMicroelectronics RHR801 Datasheet HTML 4Page - STMicroelectronics RHR801 Datasheet HTML 5Page - STMicroelectronics RHR801 Datasheet HTML 6Page - STMicroelectronics RHR801 Datasheet HTML 7Page - STMicroelectronics RHR801 Datasheet HTML 8Page - STMicroelectronics RHR801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Electrical characteristics
RHR801
2
Electrical characteristics
Table 4: VCC+ = 3.3 V, VCC- = 0 V (unless otherwise specified)
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
Input characteristics (see Figure 35)
VIO
Input offset voltage
VICM = VCC/2
125°C
-8.0
8.0
mV
25°C
-7.0
-0.2
7.0
-55°C
-8.0
8.0
VTRIP+
High input threshold
VICM = VCC/2
125°C
-8.0
8.0
25°C
-7.0
1.1
7.0
-55°C
-8.0
8.0
VTRIP-
Low input threshold
VICM = VCC/2
125°C
-8.0
8.0
25°C
-7.0
-1.5
7.0
-55°C
-8.0
8.0
VHYST
Hysteresis
VICM = VCC/2
25°C
1.5
2.5
4.0
IIB
Input bias current
VICM = VCC/2
125°C
-4
-2.2
0.0
µA
25°C
-5
-2.5
0.0
-55°C
-7
-3.5
0.0
CIN
Input capacitance
25°C
5
pF
Dynamic performances (see Figure 36, Figure 37, and Figure 38)
TPLH
Logic "0" to logic "1"
propagation time
150 mV step, CL = 10 pF,
50 mV overdrive, VICM =
VCC/2
125°C
7.0
8.8
12.0
ns
25°C
6.0
8.1
9.5
-55°C
6.0
8.1
9.5
200 mV step, CL = 10 pF,
100 mV overdrive, VICM =
VCC/2
125°C
6.5
8.0
10.5
25°C
5.5
7.8
9.0
-55°C
5.5
7.8
9.0
TPHL
Logic "1" to logic "0"
propagation time
150 mV step, CL = 10 pF,
50 mV overdrive, VICM =
VCC/2
125°C
7.0
9.0
12.0
25°C
6.0
8.3
9.5
-55°C
6.0
8.3
9.5
200 mV step, CL = 10 pF,
100 mV overdrive, VICM =
VCC/2
125°C
6.5
7.9
10.5
25°C
5.5
7.7
9.0
-55°C
5.5
7.7
9.0
TR
Output rise time 20 % to 80
%
200 mV step, CL =10 pF
25°C
1.4
TF
Output fall time 80 % to 20 %
200 mV step, CL = 10 pF
25°C
1.4
ns
FMAX
Maximum input frequency
Vin = 1 VP-P sine wave,
CL = 10 pF, output duty
cycle between 45 % and
55 %
125°C
60
74
MHz
25°C
55
72
-55°C
50
68
0
4/32
DocID026299 Rev 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com