Electronic Components Datasheet Search
  English  ▼

X  

RHR801 Datasheet(PDF) 29 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button RHR801 Datasheet HTML 24Page - STMicroelectronics RHR801 Datasheet HTML 25Page - STMicroelectronics RHR801 Datasheet HTML 26Page - STMicroelectronics RHR801 Datasheet HTML 27Page - STMicroelectronics RHR801 Datasheet HTML 28Page - STMicroelectronics RHR801 Datasheet HTML 29Page - STMicroelectronics RHR801 Datasheet HTML 30Page - STMicroelectronics RHR801 Datasheet HTML 31Page - STMicroelectronics RHR801 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
RHR801
Ordering information
7
Ordering information
Table 12: Order codes
Order code
Description
Temp. range
Package
Marking (1)
Packing
RHR801K1
Engineering model
-55 °C to 125 °C
Flat-8
RHR801K1
Strip pack
RHR801K01V
QML-V flight
5962R102150
1VXC
Notes:
(1)Specific marking only. Complete marking includes the following: SMD pin (on QML-V flight only) ST logo Date code (date the
package was sealed) in YYWWA (year, week, and lot index of week) QML logo (Q or V) Country of origin (FR = France)
Contact your ST sales office for information regarding the specific conditions for
products in die form and QML-Q versions.
DocID026299 Rev 4
29/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com