Electronic Components Datasheet Search
  English  ▼

X  

RHR801 Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHR801
Description  Rad-hard very high-speed comparator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR801 Datasheet(HTML) 3 Page - STMicroelectronics

  RHR801 Datasheet HTML 1Page - STMicroelectronics RHR801 Datasheet HTML 2Page - STMicroelectronics RHR801 Datasheet HTML 3Page - STMicroelectronics RHR801 Datasheet HTML 4Page - STMicroelectronics RHR801 Datasheet HTML 5Page - STMicroelectronics RHR801 Datasheet HTML 6Page - STMicroelectronics RHR801 Datasheet HTML 7Page - STMicroelectronics RHR801 Datasheet HTML 8Page - STMicroelectronics RHR801 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
RHR801
Absolute maximum ratings and operating
conditions
1
Absolute maximum ratings and operating conditions
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
6
V
Vid
Differential input voltage (2)
±2
Vin(3)
Input voltage
(Vcc-) - 0.3 V to
(Vcc+) + 0.3 V
Tstg
Storage temperature range
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction-to-ambient (4)
125
°C/W
Rthjc
Thermal resistance junction-to-case (4)
40
ESD
HBM: human body model (5)
3.5
kV
MM: machine model
(6)
0.35
CDM: charged device model
(7)
0.9
tlead
Lead temperature (soldering, 10 s)
260
°C
Notes:
(1)VCC is defined as the voltage between the Vcc+ and Vcc- pins. The comparator can be used in single supply
(for example, Vcc+ = 5 V, Vcc- = 0 V) or dual supply (for example, Vcc+ = 2.5 V, Vcc- = -2.5 V).
(2)Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. Vid
should not exceed ±2 V. Diodes should be placed externally between the inputs should this voltage be beyond
this range
(3)If the input voltage goes beyond the rails (above Vcc+ or below Vcc-), the ESD diodes may be activated. It is
required in that case to limit the input current to 10 mA with a serial resistor connected on the input.
(4)Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
(5)Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5
kΩ resistor between two pins of the device. This is done for all couples of connected pin combinations while
the other pins are floating.
(6)Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
(7)Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
Table 3: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 5
V
VICM
Common-mode input voltage range
(VCC-) + 0.5 V to
(VCC+) - 1.2 V
Toper
Operating free-air temperature range
-55 to 125
°C
DocID026299 Rev 4
3/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com