Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-8 Datasheet(PDF) 57 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 53Page - Analog Devices ADFS7124-8 Datasheet HTML 54Page - Analog Devices ADFS7124-8 Datasheet HTML 55Page - Analog Devices ADFS7124-8 Datasheet HTML 56Page - Analog Devices ADFS7124-8 Datasheet HTML 57Page - Analog Devices ADFS7124-8 Datasheet HTML 58Page - Analog Devices ADFS7124-8 Datasheet HTML 59Page - Analog Devices ADFS7124-8 Datasheet HTML 60Page - Analog Devices ADFS7124-8 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 57 of 93
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
25
50
75
100
125
150
FREQUENCY (Hz)
Figure 85. Sinc4 Filter Response (50 SPS Output Data Rate, Zero Latency
Disabled or 12.5 SPS Output Data Rate, Zero Latency Enabled)
Figure 86 shows the frequency response of the sinc4 filter when
the output data rate is programmed to 60 SPS and zero latency is
disabled. For the same configuration but with zero latency enabled,
the filter response remains the same but the output data rate is 15
SPS. The sinc4 filter provides 60 Hz (±1 Hz) rejection of 120 dB
minimum, assuming a stable controller clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 86. Sinc4 Filter Response (60 SPS Output Data Rate, Zero Latency
Disabled or 15 SPS Output Data Rate, Zero Latency Enabled)
When the output data rate is 10 SPS with zero latency disabled or
2.5 SPS with zero latency enabled, simultaneous 50 Hz and 60 Hz
rejection is obtained. The sinc4 filter provides 50 Hz (±1 Hz) and
60 Hz (±1 Hz) rejection of 120 dB minimum, assuming a stable
controller clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 87. Sinc4 Filter Response (10 SPS Output Data Rate, Zero Latency
Disabled or 2.5 SPS Output Data Rate, Zero Latency Enabled)
Simultaneous 50 Hz/60 Hz rejection can also be achieved using the
REJ60 bit in the filter register. When the sinc filter places a notch
at 50 Hz, the REJ60 bit places a first order notch at 60 Hz. The
output data rate is 50 SPS when zero latency is disabled and 12.5
SPS when zero latency is enabled. Figure 88 shows the frequency
response of the sinc4 filter. The filter provides 50 Hz ± 1 Hz and 60
Hz ± 1 Hz rejection of 82 dB minimum, assuming a stable controller
clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
25
50
75
100
125
150
FREQUENCY (Hz)
Figure 88. Sinc4 Filter Response (50 SPS Output Data Rate, Zero Latency
Disabled or 12.5 SPS Output Data Rate, Zero Latency Enabled, REJ60 = 1)
SINC3 FILTER
A sinc3 filter can be used instead of the sinc4 filter. The filter is
selected using the filter bits in the filter register. This filter has good
noise performance, moderate settling time, and moderate 50 Hz
and 60 Hz (±1 Hz) rejection. In Figure 89, the blocks shown in gray
are unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com