Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-8 Datasheet(PDF) 59 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 55Page - Analog Devices ADFS7124-8 Datasheet HTML 56Page - Analog Devices ADFS7124-8 Datasheet HTML 57Page - Analog Devices ADFS7124-8 Datasheet HTML 58Page - Analog Devices ADFS7124-8 Datasheet HTML 59Page - Analog Devices ADFS7124-8 Datasheet HTML 60Page - Analog Devices ADFS7124-8 Datasheet HTML 61Page - Analog Devices ADFS7124-8 Datasheet HTML 62Page - Analog Devices ADFS7124-8 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 59 of 93
settling time when switching between channels for a sample of
FS[10:0].
When selecting another channel, the ADFS7124-8 allows the com-
plete settling time to generate the first conversion after the channel
change. Therefore, the ADC automatically operates in the zero
latency mode when several channels are enabled (setting the
SINGLE_CYCLE bit has no benefits).
When the analog input is constant or a channel change occurs,
valid conversions are available at a near constant output data rate.
When conversions are being performed on a single channel and
a step change occurs on the analog input, the ADC continues to
output fully settled conversions if the step change is synchronized
with the conversion process. If the step change is asynchronous,
one conversion is output from the ADC that is not completely
settled (see Figure 92).
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
1/
fADC
Figure 92. Sinc3 Zero Latency Operation
Table 58. Examples of Output Data Rates and the Corresponding Settling
Times for the Sinc3 Filter (Zero Latency)
Power Mode
FS[10:0]
Output Data Rate
(SPS)
Settling Time
(ms)
Full Power (fCLK =
614.4 kHz)
1920
3.33
300.15
384
16.67
60.15
320
20
50.15
Mid Power (fCLK =
153.6 kHz)
480
3.33
300.61
96
16.67
60.61
80
20
50.61
Low Power (fCLK =
76.8 kHz)
240
3.33
301.22
48
16.67
61.22
40
20
51.22
Sequencer
The description in the Sinc3 Filter section is valid when manually
switching channels, for example, writing to the device to change
channels. When multiple channels are enabled, the on-chip se-
quencer is automatically used; the device automatically sequences
between all enabled channels. In this case, the first conversion
takes the complete settling time, as listed in Table 57. For all
subsequent conversions, the time needed for each conversion is
also the settling time, but the dead time is reduced to:
►
30 when the old channel and new channel both have an FS[10:0]
> 1 or FS[10:0] = 1.
►
−4 when the old channel has an FS[10:0] > 1 and the new
channel has an FS[10:0] = 1.
►
64 when the old channel has an FS[10:0] = 1 and the new
channel has an FS[10:0] > 1.
Sinc3 50 Hz and 60 Hz Rejection
Figure 93 shows the frequency response of the sinc3 filter when
the output data rate is programmed to 50 SPS and zero latency is
disabled. For the same configuration but with zero latency enabled,
the filter response remains the same but the output data rate is
16.67 SPS. The sinc3 filter gives 50 Hz ± 1 Hz rejection of 95 dB
minimum for a stable controller clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
25
50
75
100
125
150
FREQUENCY (Hz)
Figure 93. Sinc3 Filter Response (50 SPS Output Data Rate, Zero Latency
Disabled or 16.67 SPS Output Data Rate, Zero Latency Enabled)
Figure 94 shows the frequency response of the sinc3 filter when
the output data rate is programmed to 60 SPS and zero latency is
disabled. For the same configuration but with zero latency enabled,
the filter response remains the same but the output data rate is 20
SPS. The sinc3 filter has rejection of 95 dB minimum at 60 Hz ± 1
Hz, assuming a stable controller clock.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 94. Sinc3 Filter Response (60 SPS Output Data Rate, Zero Latency
Disabled or 20 SPS Output Data Rate, Zero Latency Enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com