Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-8 Datasheet(PDF) 89 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 89 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 85Page - Analog Devices ADFS7124-8 Datasheet HTML 86Page - Analog Devices ADFS7124-8 Datasheet HTML 87Page - Analog Devices ADFS7124-8 Datasheet HTML 88Page - Analog Devices ADFS7124-8 Datasheet HTML 89Page - Analog Devices ADFS7124-8 Datasheet HTML 90Page - Analog Devices ADFS7124-8 Datasheet HTML 91Page - Analog Devices ADFS7124-8 Datasheet HTML 92Page - Analog Devices ADFS7124-8 Datasheet HTML 93Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
Data Sheet
ADFS7124-8
ON-CHIP REGISTERS
analog.com
Rev. 0 | 89 of 93
Table 73. Channel Register Bit Descriptions
Bits
Bit Name
Description
15
Enable
Channel enable bit. Setting this bit enables the device channel for the conversion sequence. By default, only the enable bit for Channel 0
is set. The order of conversions starts with the lowest enabled channel, then cycles through successively higher channel numbers, before
wrapping around to the lowest channel again.
When the ADC writes a result for a particular channel, the four LSBs of the status register are set to the channel number, 0 to 15. This allows
the channel the data corresponds to be identified. When the DATA_STATUS bit in the ADC_CONTROL register is set, the contents of the
status register are appended to each conversion when it is read. Use this function when several channels are enabled to determine to which
channel the conversion value read corresponds.
14:12
Setup
Setup select. These bits identify which of the eight setups are used to configure the ADC for this channel. A setup comprises a set of four
registers: analog configuration, output data rate/filter selection, offset register, and gain register. All channels can use the same setup, in
which case the same 3-bit value must be written to these bits on all active channels. Alternatively, up to eight channels can be configured
differently.
11:10
0
These bits must be programmed with a Logic 0 for correct operation.
9:5
AINP[4:0]
Positive analog input AINP input select. These bits select which of the analog inputs is connected to the positive input for this channel.
00000 = AIN0 (default).
00001 = AIN1.
00010 = AIN2.
00011 = AIN3.
00100 = AIN4.
00101 = AIN5.
00110 = AIN6.
00111 = AIN7.
01000 = AIN8.
01001 = AIN9.
01010 = AIN10.
01011 = AIN11.
01100 = AIN12.
01101 = AIN13.
01110 = AIN14.
01111 = AIN15.
10000 = temperature sensor.
10001 = AVSS.
10010 = internal reference.
10011 = DGND.
10100 = (AVDD − AVSS)/6+. Use in conjunction with (AVDD − AVSS)/6− to monitor supply AVDD − AVSS.
10101 = (AVDD − AVSS)/6−. Use in conjunction with (AVDD − AVSS)/6+ to monitor supply AVDD − AVSS.
10110 = (IOVDD − DGND)/6+. Use in conjunction with (IOVDD − DGND)/6− to monitor IOVDD − DGND.
10111 = (IOVDD − DGND)/6−. Use in conjunction with (IOVDD − DGND)/6+ to monitor IOVDD − DGND.
11000 = (ALDO − AVSS)/6+. Use in conjunction with (ALDO − AVSS)/6− to monitor the analog LDO.
11001 = (ALDO − AVSS)/6−. Use in conjunction with (ALDO − AVSS)/6+ to monitor the analog LDO.
11010 = (DLDO − DGND)/6+. Use in conjunction with (DLDO − DGND)/6− to monitor the digital LDO.
11011 = (DLDO − DGND)/6−. Use in conjunction with (DLDO − DGND)/6+ to monitor the digital LDO.
11100 = V_20MV_P. Use in conjunction with V_20MV_M to apply a 20 mV p-p signal to the ADC.
11101 = V_20MV_M. Use in conjunction with V_20MV_P to apply a 20 mV p-p signal to the ADC.
11110 = Reserved.
11111 = Reserved.
4:0
AINM[4:0]
Negative analog input AINM input select. These bits select which of the analog inputs is connected to the negative input for this channel.
00000 = AIN0.
00001 = AIN1 (default).
00010 = AIN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com