Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-8 Datasheet(PDF) 16 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 12Page - Analog Devices ADFS7124-8 Datasheet HTML 13Page - Analog Devices ADFS7124-8 Datasheet HTML 14Page - Analog Devices ADFS7124-8 Datasheet HTML 15Page - Analog Devices ADFS7124-8 Datasheet HTML 16Page - Analog Devices ADFS7124-8 Datasheet HTML 17Page - Analog Devices ADFS7124-8 Datasheet HTML 18Page - Analog Devices ADFS7124-8 Datasheet HTML 19Page - Analog Devices ADFS7124-8 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
Data Sheet
ADFS7124-8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 16 of 93
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
28
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY functions as a serial data output pin to access the output shift register of the
ADC. The output shift register can contain data from any of the on-chip data or control registers. In addition, DOUT/RDY operates as
a data ready pin, going low to indicate the completion of a conversion. If the data is not read after the conversion, the pin goes high
before the next update occurs. The DOUT/RDY falling edge can also be used as an interrupt to a processor, indicating that valid
data is available. With an external serial clock, the data can be read using the DOUT/RDY pin. When CS is low, the data/control
word information is placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge.
29
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in the input shift register is transferred to the control registers within
the ADC, with the register selection bits of the communications register identifying the appropriate register.
30
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC. The SCLK pin has a Schmitt-triggered input,
making the interface suitable for opto-isolated applications. The serial clock can be continuous with all data transmitted in a
continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information being transmitted to or from the ADC in
smaller batches of data.
31
CLK
Clock Input/Clock Output. The internal clock can be made available at this pin. Alternatively, the internal clock can be disabled, and
the ADC can be driven by an external clock. This allows several ADCs to be driven from a common clock, allowing simultaneous
conversions to be performed.
32
CS
Chip Select Input. This is an active low logic input that selects the ADC. Use CS to select the ADC in systems with more than one
device on the serial bus or as a frame synchronization signal in communicating with the device. CS can be hardwired low if the
serial peripheral interface (SPI) diagnostics are unused, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and DOUT
interfacing with the device.
EP
Exposed Pad. Connect the exposed pad to AVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com