Electronic Components Datasheet Search
  English  ▼

X  

ADFS7124-8 Datasheet(PDF) 15 Page - Analog Devices

Part # ADFS7124-8
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADFS7124-8 Datasheet HTML 11Page - Analog Devices ADFS7124-8 Datasheet HTML 12Page - Analog Devices ADFS7124-8 Datasheet HTML 13Page - Analog Devices ADFS7124-8 Datasheet HTML 14Page - Analog Devices ADFS7124-8 Datasheet HTML 15Page - Analog Devices ADFS7124-8 Datasheet HTML 16Page - Analog Devices ADFS7124-8 Datasheet HTML 17Page - Analog Devices ADFS7124-8 Datasheet HTML 18Page - Analog Devices ADFS7124-8 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
Data Sheet
ADFS7124-8
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 15 of 93
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
12
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−). REFIN1(+) can be anywhere
between AVDD and AVSS + 0.5 V. The nominal reference voltage (REFIN1(+) − REFIN1(−)) is 2.5 V, but the device functions with a
reference from 0.5 V to AVDD.
13
REFIN1(−)
Negative Reference Input. This reference input can be anywhere between AVSS and AVDD – 0.5 V.
14
AIN8/IOUT/VBIAS
Analog Input 8/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
15
AIN9/IOUT/VBIAS
Analog Input 9/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
16
AIN10/IOUT/VBIAS
Analog Input 10/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
17
AIN11/IOUT/VBIAS
Analog Input 11/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
18
AIN12/IOUT/VBIAS
Analog Input 12/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
19
AIN13/IOUT/VBIAS
Analog Input 13/Output of Internal Excitation Current Source/Bias Voltage. This input pin is configured through the configuration
registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the internal programmable
excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this output. A bias voltage
midway between the analog power supply rails can be generated at this pin.
20
AIN14/IOUT/VBIAS/
REFIN2(+)
Analog Input 14/Output of Internal Excitation Current Source/Bias Voltage/Positive Reference Input. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively,
the internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to
this output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin also functions as
a positive reference input for REFIN2(±). REFIN2(+) can be anywhere between AVDD and AVSS + 0.5 V. The nominal reference
voltage (REFIN2(+) to REFIN2(−)) is 2.5 V, but the device functions with a reference from 0.5 V to AVDD.
21
AIN15/IOUT/VBIAS/
REFIN2(−)
Analog Input 15/Output of Internal Excitation Current Source/Bias Voltage/Negative Reference Input. This input pin is configured
through the configuration registers to be the positive or negative terminal of a differential or pseudodifferential input. Alternatively, the
internal programmable excitation current source can be made available at this pin. Either IOUT0 or IOUT1 can be switched to this
output. A bias voltage midway between the analog power supply rails can be generated at this pin. This pin also functions as the
negative reference input for REFIN2(±). This reference input can be anywhere between AVSS and AVDD – 0.5 V.
22
REFOUT
Internal Reference Output. The buffered output of the internal 2.5 V voltage reference is available on this pin.
23
AVSS
Analog Supply Voltage. The voltage on AVDD is referenced to AVSS. The differential between AVDD and AVSS must be between 2.7
V and 3.6 V in mid or low power mode and between 2.9 V and 3.6 V in full power mode. AVSS can be taken below 0 V to provide a
dual power supply to the ADFS7124-8. For example, AVSS can be tied to −1.8 V and AVDD can be tied to +1.8 V, providing a ±1.8 V
supply to the ADC.
24
REGCAPA
Analog LDO Regulator Output. Decouple this pin to AVSS with a 0.1 µF capacitor.
25
PSW
Low-Side Power Switch to AVSS.
26
AVDD
Analog Supply Voltage, Relative to AVSS.
27
SYNC
Synchronization Input. This pin is a logic input that allows synchronization of the digital filters and analog modulators when using a
number of ADFS7124-8 devices. When SYNC is low, the nodes of the digital filter, the filter control logic, and the calibration control
logic are reset, and the analog modulator is held in a reset state. SYNC does not affect the digital interface but does reset RDY to a
high state if it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com