Electronic Components Datasheet Search
  English  ▼

X  

MAX22210 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX22210
Description  36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22210 Datasheet(HTML) 1 Page - Analog Devices

  MAX22210 Datasheet HTML 1Page - Analog Devices MAX22210 Datasheet HTML 2Page - Analog Devices MAX22210 Datasheet HTML 3Page - Analog Devices MAX22210 Datasheet HTML 4Page - Analog Devices MAX22210 Datasheet HTML 5Page - Analog Devices MAX22210 Datasheet HTML 6Page - Analog Devices MAX22210 Datasheet HTML 7Page - Analog Devices MAX22210 Datasheet HTML 8Page - Analog Devices MAX22210 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX22210 is a 2-phase stepper motor driver. It inte-
grates two 36V, 3.8AMAX H-bridges.
The H-bridge FETs have very low impedance that result
in high driving efficiency and minimal heat generated. The
typical total RON (high side + low side) is 0.25Ω.
The MAX22210 integrates an accurate current drive reg-
ulation circuit and a 128-microstep built-in indexer con-
trolled by a STEP/DIR interface. The high microstepping
resolution and advanced control technique ensure smooth
and quiet operation.
The current flowing into the two low-side FETs is sensed
by a nondissipative integrated current sensing (ICS) and it
is then compared with the desired step threshold current.
As soon as the bridge current exceeds the setpoint
(ITRIP), the device enforces decay for a fixed OFF time
(TOFF). Three decay modes are supported: slow, mixed,
and adaptive.
The nondissipative integrated current sensing eliminates
the bulky external power resistors that are normally re-
quired for this function resulting in a dramatic space and
power saving compared with mainstream applications
based on external sense resistors.
The internally sensed phase currents are mirrored on two
pins (ISENA, ISENB) to allow the external controller to
keep monitoring the currents and can use this information
for diagnostic purposes.
The maximum output current per H-bridge is IMAX =
3.8AMAX, which is limited by the overcurrent protection
(OCP).
The maximum RMS current per H-bridge is IRMS = 2ARMS
at room temperature, assuming a 4-layer PCB. Since this
current is limited by thermal considerations, the actual
maximum RMS current depends on the thermal charac-
teristic of the application such as PCB ground planes,
heatsinks, ventilation, etc.
The maximum full-scale current per H-bridge is IFS = 3A
that can be set by an external resistor connected to IREF.
This current is defined as the maximum current setting of
the embedded current drive regulation circuit.
In applications where the maximum full-scale current is
less than 1.5A and high-current control accuracy is de-
sired, the half full scale (HFS) logic input pin can be set
high to halve the current ratings and double the low-side
FET RON. This results in better current control accuracy
especially for values close to the lower boundary of the
current range.
The MAX22210 features overcurrent protection, thermal
shutdown (TSD), undervoltage lockout (UVLO). An open-
drain, active-low FAULT pin is activated every time a fault
condition is detected.
During thermal shutdown and UVLO events, the driver is
disabled until normal operations are restored.
The MAX22210 is available in small, 5mm x 5mm
TQFN32 and 4.4mm x 9.7mm TSSOP28 packages.
Applications
● Stepper Motor Drivers
Benefits and Features
● Two H-Bridges with 36V Rating
• Total RDS(ON) (HS + LS): 250mΩ at TA = +25°C
(typ)
● Current Ratings per H-Bridge (TA = +25°C, typ)
• IMAX = 3.8AMAX (Impulsive Current for Driving
Small Capacitive Loads)
• IFS = 3AMAX (Full-Scale Current Setting for Internal
Current-Drive Regulation)
• IRMS = 2ARMS
● Integrated Current Control
• Full-Scale Current Configurable with External
Resistance
• One Logic Input (HFS) to Improve Current-Control
Accuracy for Low Current Values
• Internal Current Sensing (ICS) Eliminates External
Bulky Resistors and Improves Efficiency
• Built-In Control with 128 Microstep Indexer
• STEP/DIR Interface
• Integrated DAC and Lookup Table for
Microstepping
• Multiple Decay Modes (Slow, Mixed, Adaptive)
• Configurable PWM OFF Time with External
Resistance
● Current-Sense Output (Current Monitor) (ISENA,
ISENB)
● Fault Indicator Pin (FAULT)
● Protections
• Overcurrent Protection (OCP) for Each Power FET
• UVLO
• Thermal Shutdown (TSD) TJ = +165°C
● Available in 5mm x 5mm TQFN32 and 4.4mm x
9.7mm TSSOP28 Packages
Click here to ask an associate for production status of specific part numbers.
MAX22210
36V, 3.8A Stepper Motor Driver
with Integrated Current Sense
and 128 Microstep Indexer
Ordering Information appears at end of data sheet.
19-101181; Rev 0;
6/23
© 2023 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A. | Tel: 781.329.4700 | © 2023 Analog Devices, Inc. All rights reserved.


Similar Part No. - MAX22210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX22211 AD-MAX22211 Datasheet
548Kb / 24P
36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
19-101537; Rev 0; 2/23
MAX22211ATJ+T AD-MAX22211ATJ+T Datasheet
548Kb / 24P
36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
19-101537; Rev 0; 2/23
MAX22211AUI+T AD-MAX22211AUI+T Datasheet
548Kb / 24P
36V, 3.8A Two H-Bridge for Dual Brushed or Single Stepper Motor Drive
19-101537; Rev 0; 2/23
MAX22212 AD-MAX22212 Datasheet
557Kb / 23P
36V, 7.6A High Current Single H-Bridge with Integrated Current Sense
Rev 1; 1/24
MAX22212ATJ+T AD-MAX22212ATJ+T Datasheet
557Kb / 23P
36V, 7.6A High Current Single H-Bridge with Integrated Current Sense
Rev 1; 1/24
More results

Similar Description - MAX22210

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
High current microstep stepper motor driver
logo
Texas Instruments
DRV8886 TI1-DRV8886 Datasheet
1Mb / 39P
2-A Stepper Motor Driver With Integrated Current Sense
logo
TRINAMIC Motion Control...
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
High current microstep stepper motor driver
logo
Texas Instruments
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
2-A Stepper Motor Driver With Integrated Current Sense
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
1.5-A Stepper Motor Driver With Integrated Current Sense
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
Analog Devices
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com