Electronic Components Datasheet Search
  English  ▼

X  

MAX22210 Datasheet(PDF) 21 Page - Analog Devices

Part # MAX22210
Description  36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22210 Datasheet(HTML) 21 Page - Analog Devices

Back Button MAX22210 Datasheet HTML 16Page - Analog Devices MAX22210 Datasheet HTML 17Page - Analog Devices MAX22210 Datasheet HTML 18Page - Analog Devices MAX22210 Datasheet HTML 19Page - Analog Devices MAX22210 Datasheet HTML 20Page - Analog Devices MAX22210 Datasheet HTML 21Page - Analog Devices MAX22210 Datasheet HTML 22Page - Analog Devices MAX22210 Datasheet HTML 23Page - Analog Devices MAX22210 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SETTLING
PHASE
TRACKING DOWN
(STEP DOWN)
PHASE
ISTEP_N+1
ISTEP_N
ON
FAST DECAY
SLOW DECAY
tON =
tON(MIN)
à FD +
10%
tON =
tON(MIN)
à FD +
10%
tON =
tON(MIN)
à FD +
10%
tON > tON(MIN)
à FD - 10%
tON > tON(MIN)
à FD - 10%
tON(FD) > tON(MIN)
KEEP FD = 10%
Figure 3. Adaptive Decay - Algorithm
Protections
Overcurrent Protection
Overcurrent protection protects the device against short circuits to the rails (supply voltage and ground) and between the
outputs (OUT1_ and OUT2_). The OCP threshold is set at 3.8A minimum. If the output current is greater than the OCP
threshold for longer than the Overcurrent Protection Blanking Time (tOCP), then an OCP event is detected.
When an OCP event is detected, the H-bridge is immediately disabled, and a fault indication is output on pin FAULT.
The H-bridge is kept in HiZ mode for 3ms (see tRETRY specification). After that, the H-bridge is re-enabled according to
the current state of the inputs. If the short circuit is still present, this cycle repeats otherwise normal operation resumes.
Prolonged operation in a short-circuit failure mode is not recommended. Prolonged OCP events can affect the device
reliability.
Thermal Shutdown Protection
If the die temperature exceeds 165°C (typical value), a fault indication is output on pin FAULT and the driver is three-
stated until the junction temperature drops below 145°C. After that, the driver is re-enabled.
Undervoltage Lockout Protection
The device features Undervoltage Lockout Protection. The UVLO on VM is set at 4.15V maximum. When a UVLO event
occurs, a fault indication is output on pin FAULT and driver outputs are tristated. Normal operation resumes (and the
FAULT pin deasserts) as soon as the supply voltages are back in the nominal operating range.
MAX22210
36V, 3.8A Stepper Motor Driver
with Integrated Current Sense
and 128 Microstep Indexer
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com