Electronic Components Datasheet Search
  English  ▼

X  

MAX22210 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX22210
Description  36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22210 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX22210 Datasheet HTML 14Page - Analog Devices MAX22210 Datasheet HTML 15Page - Analog Devices MAX22210 Datasheet HTML 16Page - Analog Devices MAX22210 Datasheet HTML 17Page - Analog Devices MAX22210 Datasheet HTML 18Page - Analog Devices MAX22210 Datasheet HTML 19Page - Analog Devices MAX22210 Datasheet HTML 20Page - Analog Devices MAX22210 Datasheet HTML 21Page - Analog Devices MAX22210 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Table 3. Look Up Table up to 32 Microsteps (continued)
7
4
95.7%
29.0%
17
8
94.2%
33.7%
20
9
5
3
2
92.4%
38.3%
23
10
90.4%
42.8%
25
11
6
88.2%
47.1%
28
12
85.8%
51.4%
31
13
7
4
83.1%
55.6%
34
14
80.3%
59.6%
37
15
8
77.3%
63.4%
39
16
74.1%
67.2%
42
17
9
5
3
2
1
70.7%
70.7%
45
18
67.2%
74.1%
48
19
10
63.4%
77.3%
51
20
59.6%
80.3%
53
21
11
6
55.6%
83.1%
56
22
51.4%
85.8%
59
23
12
47.1%
88.2%
62
24
42.8%
90.4%
65
25
13
7
4
38.3%
92.4%
68
26
33.7%
94.2%
70
27
14
29.0%
95.7%
73
28
24.3%
97.0%
76
29
15
8
19.5%
98.1%
79
30
14.7%
98.9%
82
31
16
9.8%
99.5%
84
32
4.9%
99.9%
87
32
17
9
5
0.0%
100.0% 90
Setting the Fixed OFF Time (tOFF)
The current regulation circuit is based on a constant tOFF PWM control. If during the ON phase, the bridge current
exceeds the target ITRIP threshold, the OFF phase begins and the current decays. The OFF phase has a fixed time
duration tOFF.
The tOFF can be configured to a desired value by connecting an external resistor to pin ROFF. When the ROFF pin is
shorted to VDD, the tOFF time is internally set at a fixed value (20μs typical). By connecting an external resistor to the
pin ROFF, the user can configure tOFF as shown in the following equation in which RROFF is an external resistor (in kΩ)
connected from the ROFF pin to GND and KTOFF is an internal constant equal to 0.667μs/kΩ.
tOFF(μs) = RROFF × KTOFF
The tOFF can be programmed from a range of 10μs to 80μs.
Setting the Decay Mode
Two logic input pins allow the user to configure the decay mode during TOFF. The MAX22210 supports slow and mixed
decay mode. An adaptive decay mode is also provided. The adaptive decay mode automatically calculates the optimal
ratio between the slow and fast decay as explained in the Adaptive Decay Mode section.
Table 4 shows the Truth Table for the Decay Mode selection.
MAX22210
36V, 3.8A Stepper Motor Driver
with Integrated Current Sense
and 128 Microstep Indexer
www.analog.com
Analog Devices | 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com