Electronic Components Datasheet Search
  English  ▼

X  

MAX22210 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX22210
Description  36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22210 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX22210 Datasheet HTML 16Page - Analog Devices MAX22210 Datasheet HTML 17Page - Analog Devices MAX22210 Datasheet HTML 18Page - Analog Devices MAX22210 Datasheet HTML 19Page - Analog Devices MAX22210 Datasheet HTML 20Page - Analog Devices MAX22210 Datasheet HTML 21Page - Analog Devices MAX22210 Datasheet HTML 22Page - Analog Devices MAX22210 Datasheet HTML 23Page - Analog Devices MAX22210 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SETTLING
PHASE
TRACKING UP
STEP UP PHASE
ISTEP_N
ISTEP_N+1
tOFF
tOFF
tON
Figure 2. Adaptive Decay Step Up
When a Step Down command is received, a mixed mode with 30% Fast is enforced for fast tracking. When during a Slow
Decay Interval the current is found lower than the new target, a tON phase in enforced causing the current to reach the
desired level.
During the Settling/Steady-State Phase, variable fixed slow decay ratios are used with the purpose of minimizing the
ripple. Initially, a slow decay is enforced for a fixed OFF time (tOFF). In the following cycles, the ON time interval (tON) is
monitored cycle by cycle. If tON is found equal to tON(MIN), then a mixed mode with 10% fast decay is applied to the next
chopping cycle.
● The fast decay percentage dynamically increases with +10% steps if tON in the previous cycle was found equal to
tON(MIN).
● The fast decay percentage dynamically decreases with -10% steps if tON in the previous cycle was found longer than
tON(MIN).
To facilitate the convergence of the algorithm, the fast decay percentage is not allowed to go back below 10%.
The Figure 3 graphically illustrates the behavior.
MAX22210
36V, 3.8A Stepper Motor Driver
with Integrated Current Sense
and 128 Microstep Indexer
www.analog.com
Analog Devices | 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com