Electronic Components Datasheet Search
  English  ▼

X  

MAX22210 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX22210
Description  36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX22210 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX22210 Datasheet HTML 8Page - Analog Devices MAX22210 Datasheet HTML 9Page - Analog Devices MAX22210 Datasheet HTML 10Page - Analog Devices MAX22210 Datasheet HTML 11Page - Analog Devices MAX22210 Datasheet HTML 12Page - Analog Devices MAX22210 Datasheet HTML 13Page - Analog Devices MAX22210 Datasheet HTML 14Page - Analog Devices MAX22210 Datasheet HTML 15Page - Analog Devices MAX22210 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
TYPE
TQFN
TSSOP
27, 28
26, 27
ISEN_
Current Sense Output Monitor.
Output
1
4
EN
Logic Input Pin. Enable Pin.
Logic Input
15
18
VCP
Charge Pump Output. Connect a 1μF capacitor between VCP and
VM as close as possible to the device.
Output
14
17
CP1
Charge Pump Flying Capacitor Pin1. Connect a 22nF capacitor
between CP1 and CP2 as close as possible to the device.
Output
13
16
CP2
Charge Pump Flying Capacitor Pin2. Connect a 22nF capacitor
between CP1 and CP2 as close as possible to the device.
Output
12
15
SLEEP
Active Low Sleep Pin.
Logic Input
31, 32
2, 3
DECAY_
Logic Input. Set the Decay Mode.
Logic Input
9
12
HFS
Logic Input. Set Output Current Full scale.
Logic Input
8
11
STEP
Logic Input. Indexer Step logic input. Indexer advances on rising
edges of the STEP pin.
Logic Input
6
9
DIR
Logic Input. Direction Pin.
Logic Input
2, 3, 7
5, 6, 10
MODE_
Logic Input Pins. Set the Decay Mode for the current drive
regulation circuit.
Logic Input
EP
EP
PGND
Power GND. Connect to Ground Plane. The thermal PAD (EP) is
also the electrical power GND pin and must be properly
connected to GND.
MAX22210
36V, 3.8A Stepper Motor Driver
with Integrated Current Sense
and 128 Microstep Indexer
www.analog.com
Analog Devices | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com