Electronic Components Datasheet Search
  English  ▼

X  

RCT6 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCT6
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6 Datasheet(HTML) 2 Page - Unisonic Technologies

  RCT6 Datasheet HTML 1Page - Unisonic Technologies RCT6 Datasheet HTML 2Page - Unisonic Technologies RCT6 Datasheet HTML 3Page - Unisonic Technologies RCT6 Datasheet HTML 4Page - Unisonic Technologies RCT6 Datasheet HTML 5Page - Unisonic Technologies RCT6 Datasheet HTML 6Page - Unisonic Technologies RCT6 Datasheet HTML 7Page - Unisonic Technologies RCT6 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-058,A
PIN CONFIGURATIONS
1
2
3
4
TESTB
GND
BACKWARDB
FORWARDB
FIB
OSIC
OSCO
PC
5
6
7
8
16
15
14
13
12
11
10
9
LEFIB
VDD
SO
F2B
TURBOB
SC
NC
RIGHTB
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
RIGHTB
The rightward function will be selected when this pin is connected to GND
2
NC
No Connection
3
GND
Negative power supply
4
BACKWARDB
The backward function will be selected when this pin is connected to GND
5
FORWARDB
The forward function will be selected when this pin is connected to GND
6
TURBOB
The turbo function will be selected when this pin is connected to GND
7
SC
Output pin of the encoding signal with carrier frequency
8
NC
No connection
9
F2B
F2 function select
10
SO
Output pin of the encoding signal without carrier frequency
11
VDD
Positive power supply
12
PC
Power control output pin
13
OSCO
Oscillator output pin
14
OSCI
Oscillator input pin
15
F1B
F1 function select
16
LEFTB
The leftward function will be selected when this pin is connected to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com