Electronic Components Datasheet Search
  English  ▼

X  

RCT6 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # RCT6
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6 Datasheet(HTML) 7 Page - Unisonic Technologies

  RCT6 Datasheet HTML 1Page - Unisonic Technologies RCT6 Datasheet HTML 2Page - Unisonic Technologies RCT6 Datasheet HTML 3Page - Unisonic Technologies RCT6 Datasheet HTML 4Page - Unisonic Technologies RCT6 Datasheet HTML 5Page - Unisonic Technologies RCT6 Datasheet HTML 6Page - Unisonic Technologies RCT6 Datasheet HTML 7Page - Unisonic Technologies RCT6 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-058,A
TYPICAL APPLICATION CIRCUIT (FOR REFERENCE ONLY)
Transmitter (UTC RCT6 Fosc ≌ 128KHz)
9V
Q2
SF1
100K
C1
C3
L2
C8
ZD1
R
UTC
RCT6
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L
B
F
T
L3
47P
C6
47P
R6
100Ω
R5
33K
100Ω
R3
C5
47P
C4
47P
L1
R2
120K
crystal
27.145MHz
+
-
330Ω
R1
50K
R7
0.02μP
33μP
C2
Q1
R4
6.8K
0.02μP
0.02μP
C7
C9
100P
10P
C10
AMP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com