Electronic Components Datasheet Search
  English  ▼

X  

RCT6 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCT6
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6 Datasheet(HTML) 3 Page - Unisonic Technologies

  RCT6 Datasheet HTML 1Page - Unisonic Technologies RCT6 Datasheet HTML 2Page - Unisonic Technologies RCT6 Datasheet HTML 3Page - Unisonic Technologies RCT6 Datasheet HTML 4Page - Unisonic Technologies RCT6 Datasheet HTML 5Page - Unisonic Technologies RCT6 Datasheet HTML 6Page - Unisonic Technologies RCT6 Datasheet HTML 7Page - Unisonic Technologies RCT6 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-058,A
BLOCK DIAGRAM
Oscillator
PC
Timing
Generator
Encoding
Circuit
Latch
Circuit
F2B
RIGHTB
LEFTB
TURBOB
FORWARDB
BACKWARDB
Logic
SO
SC
F1B
OSCI
OSCO
O/P Condition
Input
Condition
Forward
Backward
Turbo
Forward
= 60Hz
Low
Low
Backward
Low
= 60Hz
Low
Forward + turbo
= high
Low
= high
Backward + turbo
Low
= high
= high
An Auto Shut-Off mechanism is built-in according to Toy Safety Requirement and effective during over-current
situation in motor driver. The active high input applying to this Auto Shut-Off pin will turn off the motor. (VT pin, when
unused, has to be connected to ground. The transfer point = 1.4V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com