Electronic Components Datasheet Search
  English  ▼

X  

RCT6 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # RCT6
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6 Datasheet(HTML) 5 Page - Unisonic Technologies

  RCT6 Datasheet HTML 1Page - Unisonic Technologies RCT6 Datasheet HTML 2Page - Unisonic Technologies RCT6 Datasheet HTML 3Page - Unisonic Technologies RCT6 Datasheet HTML 4Page - Unisonic Technologies RCT6 Datasheet HTML 5Page - Unisonic Technologies RCT6 Datasheet HTML 6Page - Unisonic Technologies RCT6 Datasheet HTML 7Page - Unisonic Technologies RCT6 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-058,A
DATA FORMAT
F1 = "1"
F0 = "0"
500Hz, 3/4 duty
500Hz, 1/4 duty
CODING METHOD
The data string that UTC RCT6 receives is below:
SO
B
T
R
L F1 N1 N2 F2
F
start code (5 bit)
an output code (16 bit, 32ms)
Parity End
RIGHT :s :n effect
Data string: start code + data code + parity code + end code
- start code = F1 F1 F1 F1 F0
- data code =
B
T
RL
F1
N
N
F2
F
F = Forward
B = Backward
T = Turbo
R = Right
L = Left
F1 = Function 1
F2 = Function 2
N = No used code
F、B、T、R、L、F1、N、N、F2 all can have two date format, ”F1” or ”F0”,
“F1” means the function is in effect, and “F0” means not.
- parity code = for parity check
- end code = for (latch data)
* Data code can be any combination of F, B, T, R, L, F1, F2, except for F & B, and R & L.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com