Electronic Components Datasheet Search
  English  ▼

X  

RCT6 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCT6
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6 Datasheet(HTML) 4 Page - Unisonic Technologies

  RCT6 Datasheet HTML 1Page - Unisonic Technologies RCT6 Datasheet HTML 2Page - Unisonic Technologies RCT6 Datasheet HTML 3Page - Unisonic Technologies RCT6 Datasheet HTML 4Page - Unisonic Technologies RCT6 Datasheet HTML 5Page - Unisonic Technologies RCT6 Datasheet HTML 6Page - Unisonic Technologies RCT6 Datasheet HTML 7Page - Unisonic Technologies RCT6 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-058,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
2.0 ~ 5.0
V
Input/Output Voltage
GND -0.2 ~ VDD + 0.2
V
Operating Temperature
TOPR
-20 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1.Absolute maximum ratings and operation rating recommended are those values beyond which the device
could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device
operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS (VDD=4V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Operating Voltage
VOPR
3
4
5
V
Operating Current
IOPR
Unload
0.6
mA
Stand-by Current
ISTN-BY
Full load
1
µA
SO O/P Driving Current (RF)
IDRSO
VOH = 0.7V
10
mA
AC O/P Frequency
FAUDIO
500
Hz
Oscillator Frequency
FOSC
ROSC=130KΩ
128
KHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com