Electronic Components Datasheet Search
  English  ▼

X  

AD9549XCPZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 45Page - Analog Devices AD9549XCPZ Datasheet HTML 46Page - Analog Devices AD9549XCPZ Datasheet HTML 47Page - Analog Devices AD9549XCPZ Datasheet HTML 48Page - Analog Devices AD9549XCPZ Datasheet HTML 49Page - Analog Devices AD9549XCPZ Datasheet HTML 50Page - Analog Devices AD9549XCPZ Datasheet HTML 51Page - Analog Devices AD9549XCPZ Datasheet HTML 52Page - Analog Devices AD9549XCPZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 49 of 78
Reference Monitor Status
In the case of reference monitoring status information, a pin
can be programmed for either RefA or RefB, but not both. In
addition, the OR'd output configuration allows the user to
combine multiple status flags into a single status indication. For
example, if both the LOR and OOL control register bits are true,
then the status pin associated with that particular control
register will give an indication if either the LOR or OOL status
flag is asserted for the selected reference (A or B).
Default DDS Output Frequency on Power-Up
The four Status Pins (S1-S4) provide a completely separate
function at power-up. They can be used to define the output
frequency of the DDS at power-up even though the I/O
Registers have not yet been programmed. This is made possible
because the status pins are designed with bi-directional drivers.
At power-up, internal logic initiates a reset pulse of about 10 ns.
During this time, S1-S4 briefly function as input pins, and can
be driven externally. Any logic levels thus applied are
transferred to a 4-bit register on the falling edge of the
internally initiated pulse. The falling edge of the pulse also
returns S1-S4 to their normal function as output pins. The same
behavior occurs when the RESET pin is asserted manually.
Setting up S1-S4 for default DDS start-up is accomplished by
connecting a resistor to each pin (either pull-up or pull-down)
to produce the desired bit pattern, yielding 16 possible states
that are used both to address an internal 8x16 ROM and to
select the SysClk Mode (see Table 5). The ROM contains eight
16-bit DDS frequency tuning words (FTWs), one of which is
selected by the state of the S1-S3 pins. The selected FTW is
transferred to the FTW0 register in the I/O Register Map
without the need for an "I/O_Update". This ensures that the
DDS generates the selected frequency even if the I/O registers
have not been programmed. The state of the S4 pin selects
whether the internal System Clock is generated by means of the
internal SysClk PLL multiplier or not (see the SysClk Input
section for details).
The DDS output frequency listed in Table 5 assumes that the
internal DAC sampling frequency (fS) is 1GHz. These
frequencies scale 1:1 with fS, meaning that other startup
frequencies are available by varying the Sysclk frequency.
At startup, the internal frequency multiplier defaults to 40x
when the Xtal/PLL Mode is selected via the Status Pins.
Note: when using this mode, the digital PLL loop is still open,
and the AD9549 is acting as a frequency synthesizer. The
frequency dividers and DPLL loop filter must still be
programmed prior to closing the loop.
Status Pin
S4
S3
S2
S1
SysClk
Input
Mode
Output
Frequency
in MHz
0
0
0
0
Xtal/PLL
0
0
0
0
1
Xtal /PLL
38.87939
0
0
1
0
Xtal /PLL
51.83411
0
0
1
1
Xtal /PLL
61.43188
0
1
0
0
Xtal /PLL
77.75879
0
1
0
1
Xtal /PLL
92.14783
0
1
1
0
Xtal /PLL
122.87903
0
1
1
1
Xtal /PLL
155.51758
1
0
0
0
Direct
0
1
0
0
1
Direct
38.87939
1
0
1
0
Direct
51.83411
1
0
1
1
Direct
61.43188
1
1
0
0
Direct
77.75879
1
1
0
1
Direct
92.14783
1
1
1
0
Direct
122.87903
1
1
1
1
Direct
155.51758
Table 5: Default Power-up Frequency Options for 1 GHz System
Clock
Interrupt Request (IRQ)
Any one of the four status pins (S1-S4) may be programmed as
an IRQ pin. If a status pin is programmed as an IRQ pin, then
the state of the internal IRQ flag appears on that pin. An IRQ
flag is internally generated based on the change of state of any
one of the internal status flags. The individual status flags are
routed to a read-only I/O register (Status Register) so that the
user may interrogate the status of any of these flags at any time.
Furthermore, each status flag is monitored for a change in state.
In some cases, only a change of state in one direction is
necessary (e.g., the Frequency Estimate Done flag), but in most



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com