Electronic Components Datasheet Search
  English  ▼

X  

AD9549XCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 25Page - Analog Devices AD9549XCPZ Datasheet HTML 26Page - Analog Devices AD9549XCPZ Datasheet HTML 27Page - Analog Devices AD9549XCPZ Datasheet HTML 28Page - Analog Devices AD9549XCPZ Datasheet HTML 29Page - Analog Devices AD9549XCPZ Datasheet HTML 30Page - Analog Devices AD9549XCPZ Datasheet HTML 31Page - Analog Devices AD9549XCPZ Datasheet HTML 32Page - Analog Devices AD9549XCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 29 of 78
The loop filter coefficients are determined by the AD9549
evaluation software according to three parameters:
φ:
desired closed-loop phase margin (0 < φ < π/2 rad)
fLOOP:
desired open-loop bandwidth (Hz)
fDDS:
desired output frequency of the DDS (Hz)
Note that fDDS can also be expressed as fDDS = fR(S/R).
The three coefficients are calculated according to parameters
via the equations below:
)
tan(
4
φ
π
β
C
Pf
−
=
()β
φ
γ
F
2
1
=
(
)
β
φ
α
π
)
(
_
10
2
7
38
F
f
f
C
DDS
Gain
FPFD
−
=
Where
)
sin(
1
1
)
(
φ
φ
+
=
F
,
S
LOOP
f
f
C
f
=
, and FPFD_Gain is
the value of the gain scale factor for the Fine Phase Detector as
programmed into the I/O Register Map.
NOTE: The range of loop filter coefficients is limited as
follows:
0 < α < 223 (~8.39·106)
-0.125 < β < 0
-0.125 < γ < 0
The above constraints on β and γ constrain the closed-loop
phase margin such that both β and γ will assume negative
values. Even though β and γ are limited to negative quantities,
the values as programmed are positive. The negative sign is
assumed internally.
NOTE: The closed-loop phase margin is limited to the range of
0° < φ < 90° because β and γ are negative.
The three coefficients are implemented as digital elements,
necessitating quantized values. Determination of the
programmed coefficient values in this context follows.
The quantized α coefficient is composed of three factors, where
α
0
, α1 and α2 are the programmed values for the α coefficient:
( )( )( )2
1
0
2
2
2048
α
α
α
α
−
=
quantized
The boundary values for each are 0 ≤ α0 ≤ 4095,
0 ≤ α1 ≤ 22, and 0 ≤ α2 ≤ 7. The optimal values of α0, α1 and α2
are:
()
{
}
[
]
4095
2048
2
1
log
,
22
min
,
0
max
α
α
ceil
=
()
()
{
}
[
]
11
log
,
7
min
,
0
max
1
4095
2
2
−
+
=
α
α
α
floor
(
)
{
}
[
]
11
0
1
2
2
,
4095
min
,
0
max
+
−
⋅
=
α
α
α
α
round
The magnitude of the quantized β coefficient is composed of
two factors:
( ) ( )
(
)
15
0
1
2
+
−
=
β
β
β
quantized
Where β0 and β1 are the programmed values for the β
coefficient, The boundary values for each are 0 ≤ β0 ≤ 4095 and
0 ≤ β1 ≤ 7. The optimal values of β0 and β1 are:
( )
(
)
{
}
[
]
15
log
,
7
min
,
0
max
4095
2
1
−
=
β
β
floor
(
)
{
}
[
]
15
0
1
2
,
4095
min
,
0
max
+
⋅
=
β
β
β
round
The magnitude of the quantized γ coefficient is composed of
two factors:
() ()
(
)
15
0
1
2
+
−
=
γ
γ
γ
quantized
Where γ0 and γ1 are the programmed values for the γ coefficient,
the boundary values for each are 0 ≤ γ0 ≤ 4095 and 0 ≤ γ1 ≤ 7.
The optimal values of γ0 and γ1 are:
( )
(
)
{
}
[
]
15
log
,
7
min
,
0
max
4095
2
1
−
=
γ
γ
floor
(
)
{
}
[
]
15
0
1
2
,
4095
min
,
0
max
+
⋅
=
γ
γ
γ
round



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com