Electronic Components Datasheet Search
  English  ▼

X  

AD9549XCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 3Page - Analog Devices AD9549XCPZ Datasheet HTML 4Page - Analog Devices AD9549XCPZ Datasheet HTML 5Page - Analog Devices AD9549XCPZ Datasheet HTML 6Page - Analog Devices AD9549XCPZ Datasheet HTML 7Page - Analog Devices AD9549XCPZ Datasheet HTML 8Page - Analog Devices AD9549XCPZ Datasheet HTML 9Page - Analog Devices AD9549XCPZ Datasheet HTML 10Page - Analog Devices AD9549XCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Preliminary Technical Data
AD9549
Rev. PrA | Page 7 of 78
AC SPECIFICATIONS
Unless otherwise noted: fS=1GHz. DAC RSET=10KΩ. Power supply pins within the range specified in “DC SPECIFICATIONS.”
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS
Pins 12, 13, 15, 16
Frequency Range
.008
750
MHz
Minimum Slew Rate
V/ns
Minimum Pulse Width High
ps
Minimum Pulse Width Low
ps
FDBK INPUT
Pins 40, 41
Input Frequency Range
MHz
sinusoidal (without degrading phase
noise performance)
Minimum Slew Rate
V/ns
Minimum Differential Input Level
V
peak-to-peak (xxxdBm into 50
Ω)
SYSTEM CLOCK INPUT
Pins 27, 28
SYSCLK PLL BYPASSED
Input Frequency Range
TBD
1000
MHz
Minimum Pulse Width High
ps
Minimum Pulse Width Low
ps
Minimum Differential Input Level
V
peak-to-peak (xxxdBm into 50
Ω)
SYSCLK PLL ENABLED
VCO Frequency Range – Low Band
700
850
MHz
VCO Frequency Range – High Band
800
1000
MHz
Maximum Input Rate of PFD
100
MHz
Without Bipolar Edge Detector
Input Frequency Range
TBD
TBD
MHz
Multiplication Range
8
66
integer multiples of 2
Minimum Pulse Width High
ps
Minimum Pulse Width Low
ps
Minimum Differential Input Level
V
peak-to-peak (xxxdBm into 50
Ω)
With Bipolar Edge Detector
Input Frequency Range
TBD
TBD
MHz
Multiplication Range
16
132
integer multiples of 4
Input Duty Cycle
%
Minimum Differential Input Level
V
peak-to-peak (xxxdBm into 50
Ω)
CRYSTAL RESONATOR WITH SYSCLK PLL ENABLED
Crystal Resonator Frequency Range
10
40+
MHz
fundamental mode resonator
Maximum Crystal Motional Resistance
TBD
see text for recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com