Electronic Components Datasheet Search
  English  ▼

X  

AD9549XCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 6Page - Analog Devices AD9549XCPZ Datasheet HTML 7Page - Analog Devices AD9549XCPZ Datasheet HTML 8Page - Analog Devices AD9549XCPZ Datasheet HTML 9Page - Analog Devices AD9549XCPZ Datasheet HTML 10Page - Analog Devices AD9549XCPZ Datasheet HTML 11Page - Analog Devices AD9549XCPZ Datasheet HTML 12Page - Analog Devices AD9549XCPZ Datasheet HTML 13Page - Analog Devices AD9549XCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 10 of 78
DAC OUTPUT CHARACTERISTICS
DCO Frequency range (1st Nyquist zone)
10
450
MHz
DPLL loop bandwidth sets lower limit
Output Resistance
50
Ω
single-ended (each pin internally
terminated to AVSS)
Output Capacitance
5
pF
Full-Scale Output Current
10
31.7
mA
range depends on DAC RSET resistor
Gain Error
TBD
TBD
%FS
Output Offset
0.6
µA
Voltage Compliance Range
AVSS
−0.50
+0.5V
AVSS
+0.50
Outputs not DC shorted to Vss
Wideband SFDR (DC to Nyquist):
SFDR may be improved by activating
Harmonic Spur Suppression (see text)
10MHz Analog Out
TBD
dBc
40MHz Analog Out
TBD
dBc
80MHz Analog Out
TBD
dBc
120MHz Analog Out
TBD
dBc
160MHz Analog Out
TBD
dBc
Narrowband SFDR
10 MHz Analog Out (±1 MHz)
TBD
dBc
40 MHz Analog Out (±1 MHz)
TBD
dBc
80 MHz Analog Out (±1 MHz)
TBD
dBc
120 MHz Analog Out (±1 MHz)
TBD
dBc
160 MHz Analog Out (±1 MHz)
TBD
dBc
DIGITAL PLL
Minimum open-loop bandwidth
0.0001
kHz
dependent on the frequency of REFA/B,
the DAC sample rate, and the P, R, and S
divider values
Maximum open-loop bandwidth
100
kHz
dependent on the frequency of REFA/B,
the DAC sample rate, and the P, R, and S
divider values
Minimum phase margin
10
degrees
dependent on the frequency of REFA/B,
the DAC sample rate, and the P, R, and S
divider values (not a hard limit but
bounded by 0
°)
Maximum phase margin
85
degrees
dependent on the frequency of REFA/B,
the DAC sample rate, and the P, R, and S
divider values (not a hard limit but
bounded by 90
°)
PFD input frequency range
~0.008
~24.5
MHz
Feedforward divider ratio
1
131,070
1,2,..,65,535 or 2,4,..,131,070
Feedback divider ratio
1
131,070
1,2,..,65,535 or 2,4,..,131,070
LOCK DETECTION
PHASE LOCK DETECTOR
Time Threshold Programming Range
0
2097
µs
FPFD_Gain=200
Time Threshold Resolution
0.488
ps
FPFD_Gain=200
Lock Time Programming Range
32x10-9
68.7
s
in power-of-2 steps
Unlock Time Programming Range
64x10-6
16.8
ms
in power-of-2 steps
FREQUENCY LOCK DETECTOR
Normalized Frequency Threshold
Programming Range
0
0.0021
FPFD_Gain=200; normalized to (fREF/R)2;
see text for details
Normalized Frequency Threshold
5x10-13
FPFD_Gain=200; normalized to (fREF/R)2;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com