Electronic Components Datasheet Search
  English  ▼

X  

AD9549XCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9549XCPZ
Description  Dual Input Network Clock Generator/Synchronizer
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9549XCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9549XCPZ Datasheet HTML 2Page - Analog Devices AD9549XCPZ Datasheet HTML 3Page - Analog Devices AD9549XCPZ Datasheet HTML 4Page - Analog Devices AD9549XCPZ Datasheet HTML 5Page - Analog Devices AD9549XCPZ Datasheet HTML 6Page - Analog Devices AD9549XCPZ Datasheet HTML 7Page - Analog Devices AD9549XCPZ Datasheet HTML 8Page - Analog Devices AD9549XCPZ Datasheet HTML 9Page - Analog Devices AD9549XCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
AD9549
Preliminary Technical Data
Rev. PrA | Page 6 of 78
SYSTEM CLOCK INPUT
SYSCLK PLL BYPASSED
Input Capacitance (DC)
1.5
pF
single-ended, each pin
Input Impedance (DC)
1
KΩ
differential
Common Mode Input Voltage3
differential operation
Differential Input Voltage Swing3
differential operation
Input Voltage High (VIH)
single-ended operation
Input Voltage Low (VIL)
single-ended operation
Input Current
single-ended operation
SYSCLK PLL ENABLED
Input Capacitance (DC)
3
pF
single-ended, each pin
Input Impedance (DC)
2
KΩ
differential
Common Mode Input Voltage3
differential operation
Differential Input Voltage Swing3
differential operation
Input Voltage High (VIH)
single-ended operation
Input Voltage Low (VIL)
single-ended operation
Input Current
single-ended operation
CRYSTAL RESONATOR WITH SYSCLK PLL ENABLED
Motional Resistance
kΩ
CLOCK OUTPUT DRIVERS
HSTL OUTPUT DRIVER
Differential Output Voltage Swing4
TBD
700
mV
Both pins AC-coupled using 0.01uF,
then 50
Ω to GND,
Common Mode Output Voltage4
TBD
0.9
V
Continuous Output Current
7.2
mA
CMOS OUTPUT DRIVER
Output Voltage High (VOH)
V
Output Voltage Low (VOL)
0.4
V
Output High Current (IOH)
µA
Output Low Current (IOL)
µA
TOTAL POWER DISSIPATION
All Blocks Running
TBD
TBD
mW
TBD
Power-Down Mode
TBD
TBD
mW
Using either the Power Down
Register or PWRDOWN pin.
Default with SysClk PLL Enabled
TBD
TBD
mW
After reset or power up with fS=1GHz,
S4=0, S1-S3=1, fSYSCLK=25MHz
Default with SysClk PLL Disabled
TBD
TBD
mW
After reset or power up with fS=1GHz,
S4-S4=1, & Sysclk PLL powered down.
- with Digital Power Down
TBD
mW
- with REFA or REFB Power Down
TBD
mW
One reference still powered up.
- with HSTL Clock Driver Power Down
TBD
mW
- with CMOS Clock Driver Power Down
TBD
mW
- with HSTL 2x Freq. Multiplier Power
Down
TBD
mW
1 Must be
≤ 0V relative to AVDD3 (pin 14) and ≥ 0V relative to AVSS (pins 33, 43).
2 Must be
≤ 0V relative to AVDD (pin 42) and ≥ 0V relative to AVSS (pins 33, 43).
3 Relative to AVSS (pins 33, 43).
4 Must be
≤ 0V relative to AVDD (pin 36) and ≥ 0V relative to AVSS (pins 33, 43).
5 See “Power Management” Section for details about power profiles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com