Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 64 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 64 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 60Page - SONiX Technology Company SN8P1602A Datasheet HTML 61Page - SONiX Technology Company SN8P1602A Datasheet HTML 62Page - SONiX Technology Company SN8P1602A Datasheet HTML 63Page - SONiX Technology Company SN8P1602A Datasheet HTML 64Page - SONiX Technology Company SN8P1602A Datasheet HTML 65Page - SONiX Technology Company SN8P1602A Datasheet HTML 66Page - SONiX Technology Company SN8P1602A Datasheet HTML 67Page - SONiX Technology Company SN8P1602A Datasheet HTML 68Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 64
Version 1.2
;-------------------------------------------------------------------------------
;
Code section
;-------------------------------------------------------------------------------
.CODE
ORG
0
;Code section start
jmp
Reset
;Reset vector
;Address 4 to 7 are reserved
ORG
8
jmp
Isr
;Interrupt vector
ORG
10h
;-------------------------------------------------------------------------------
; Program reset section
;-------------------------------------------------------------------------------
Reset:
mov
A,#07Fh
;Initial stack pointer and
b0mov
STKP,A
;disable global interrupt
b0mov
PFLAG,#00h
;pflag = x,x,x,x,x,c,dc,z
mov
A,#40h
;Clear watchdog timer and initial system mode
b0mov
OSCM,A
call
ClrRAM
;Clear RAM
call
SysInit
;System initial
b0bset
FGIE
;Enable global interrupt
;-------------------------------------------------------------------------------
; Main routine
;-------------------------------------------------------------------------------
Main:
b0bset
FWDRST
;Clear watchdog timer
call
MnApp
jmp
Main
;-------------------------------------------------------------------------------
; Main application
;-------------------------------------------------------------------------------
MnApp:
; Put your main program here
ret
;-----------------------------------
; Jump table routine
;-----------------------------------
ORG
0x0100
;The jump table should start from the head
;of boundary.
b0mov
A,Wk00
and
A,#3
ADD
PCL,A
jmp
JmpSub0
jmp
JmpSub1
jmp
JmpSub2
;-----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com