Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 29 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 29 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 25Page - SONiX Technology Company SN8P1602A Datasheet HTML 26Page - SONiX Technology Company SN8P1602A Datasheet HTML 27Page - SONiX Technology Company SN8P1602A Datasheet HTML 28Page - SONiX Technology Company SN8P1602A Datasheet HTML 29Page - SONiX Technology Company SN8P1602A Datasheet HTML 30Page - SONiX Technology Company SN8P1602A Datasheet HTML 31Page - SONiX Technology Company SN8P1602A Datasheet HTML 32Page - SONiX Technology Company SN8P1602A Datasheet HTML 33Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 29
Version 1.2
STACK OPERATION EXAMPLE
The two kinds of Stack-Save operations refer to the stack pointer (STKP) and write the content of program counter (PC)
to the stack buffer are CALL instruction and interrupt service. Under each condition, the STKP decreases and points to
the next available stack location. The stack buffer stores the program counter about the op-code address. The
Stack-Save operation is as the following table.
SN8P1602B
STKP Register
Stack Buffer
Stack Level
STKPB2
STKPB1
STKPB0
High Byte
Low Byte
Description
0
1
1
1
Free
Free
-
1
1
1
0
STK0H
STK0L
-
2
1
0
1
STK1H
STK1L
-
3
1
0
0
STK2H
STK2L
-
4
0
1
1
STK3H
STK3L
-
> 4
0
1
0
-
-
Stack Over, error
There are Stack-Restore operations correspond to each push operation to restore the program counter (PC). The RETI
instruction uses for interrupt service routine. The RET instruction is for CALL instruction. When a pop operation occurs,
the STKP is incremented and points to the next free stack location. The stack buffer restores the last program counter
(PC) to the program counter registers. The Stack-Restore operation is as the following table.
SN8P1602B
STKP Register
Stack Buffer
Stack Level
STKPB2
STKPB1
STKPB0
High Byte
Low Byte
Description
4
0
1
1
STK3H
STK3L
-
3
1
0
0
STK2H
STK2L
-
2
1
0
1
STK1H
STK1L
-
1
1
1
0
STK0H
STK0L
-
0
1
1
1
Free
Free
-
PROGRAM COUNTER
The program counter (PC) is a 10-bit binary counter separated into the high-byte 2 and the low-byte 8 bits. This
counter is responsible for pointing a location in order to fetch an instruction for kernel circuit. Normally, the program
counter is automatically incremented with each instruction during program execution.
Besides, it can be replaced with specific address by executing CALL or JMP instruction. When JMP or CALL instruction
is executed, the destination address will be inserted to bit 0 ~ bit 9.
SN8P1602B
Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PC
-
-
-
-
-
-
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
After
reset
-
-
-
-
-
-
0
0
0
0
0
0
0
0
0
0
PCH
PCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com