Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 45 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 45 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 41Page - SONiX Technology Company SN8P1602A Datasheet HTML 42Page - SONiX Technology Company SN8P1602A Datasheet HTML 43Page - SONiX Technology Company SN8P1602A Datasheet HTML 44Page - SONiX Technology Company SN8P1602A Datasheet HTML 45Page - SONiX Technology Company SN8P1602A Datasheet HTML 46Page - SONiX Technology Company SN8P1602A Datasheet HTML 47Page - SONiX Technology Company SN8P1602A Datasheet HTML 48Page - SONiX Technology Company SN8P1602A Datasheet HTML 49Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 45
Version 1.2
SYSTEM MODE CONTROL
SN8P1602B Type
Operating mode description
MODE
NORMAL
SLOW
GREEN
POWER
DOWN
(SLEEP)
REMARK
HX osc.
Running
By STPHX
By STPHX
Stop
LX osc.
Running
Running
Running
Stop
CPU instruction
Executing
Executing
Stop
Stop
TC0 timer
*Active
*Active
*Active
Inactive
* Active by
program
Watchdog timer
Active
Active
By
INT_16K_RC
By
INT_16K_RC
Internal
interrupt
All active
All active
TC0
All inactive
External
interrupt
All active
All active
All active
All inactive
Wakeup source
-
-
P0, P1, TC0
Reset
P0, P1, Reset
Normal Mode
Green Mode
Slow Mode
Power Down Mode
(Sleep Mode)
P0, P1 wake-up function active.
External reset circuit active.
CPUM1, CPUM0 = 01
CLKMD = 0
CLKMD = 1
CPUM1, CPUM0 = 10
P0, P1 wake-up function active.
TC0 time out.
P0, P1 wake-up function active.
TC0 time out.
External reset circuit active.
External reset circuit active.
Normal Mode
Green Mode
Slow Mode
Power Down Mode
(Sleep Mode)
P0, P1 wake-up function active.
External reset circuit active.
CPUM1, CPUM0 = 01
CLKMD = 0
CLKMD = 1
CPUM1, CPUM0 = 10
P0, P1 wake-up function active.
TC0 time out.
P0, P1 wake-up function active.
TC0 time out.
External reset circuit active.
External reset circuit active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com