Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 36 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 36 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 32Page - SONiX Technology Company SN8P1602A Datasheet HTML 33Page - SONiX Technology Company SN8P1602A Datasheet HTML 34Page - SONiX Technology Company SN8P1602A Datasheet HTML 35Page - SONiX Technology Company SN8P1602A Datasheet HTML 36Page - SONiX Technology Company SN8P1602A Datasheet HTML 37Page - SONiX Technology Company SN8P1602A Datasheet HTML 38Page - SONiX Technology Company SN8P1602A Datasheet HTML 39Page - SONiX Technology Company SN8P1602A Datasheet HTML 40Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 36
Version 1.2
EXTERNAL RESET DESCRIPTION
The external reset is a low level active device. The reset pin receives the low voltage and resets the system. When the
voltage detects high level, it stops resetting the system. Users can use an external reset circuit to control system
operation.
External Reset
VDD
Internal Reset Signal
External Reset Detect Level
End of External Reset
System Reset
Users must make sure the VDD is stable earlier than external reset.
Otherwise, the power on reset maybe fail.
The external reset circuit is a simple RC circuit as the following figure.
GND
VCC
RST
VDD
MCU
VSS
R
20K ohm
C
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com