Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602A Datasheet(PDF) 25 Page - SONiX Technology Company

Part # SN8P1602A
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602A Datasheet(HTML) 25 Page - SONiX Technology Company

Back Button SN8P1602A Datasheet HTML 21Page - SONiX Technology Company SN8P1602A Datasheet HTML 22Page - SONiX Technology Company SN8P1602A Datasheet HTML 23Page - SONiX Technology Company SN8P1602A Datasheet HTML 24Page - SONiX Technology Company SN8P1602A Datasheet HTML 25Page - SONiX Technology Company SN8P1602A Datasheet HTML 26Page - SONiX Technology Company SN8P1602A Datasheet HTML 27Page - SONiX Technology Company SN8P1602A Datasheet HTML 28Page - SONiX Technology Company SN8P1602A Datasheet HTML 29Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 25
Version 1.2
PROGRAM FLAG
The PFLAG includes carry flag (C), decimal carry flag (DC) and zero flag (Z). If the result of operating is zero or there is
carry, borrow occurrence, then these flags will be set to PFLAG register.
086H
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PFLAG
NT0
NPD
-
-
-
C
DC
Z
Read/Write
R/W
R/W
-
-
-
R/W
R/W
R/W
After reset
-
-
-
-
-
0
0
0
RESET/WAKEUP FLAG
NT0
NPD
Description
0
0
During the sleep mode, the device wakes up by the watch dog.
Such function only valid when users set “INT_16K_RC” code option as “Always_On”
0
1
Watchdog timer overflow in normal/slow/green mode.
1
0
During the sleep mode, the device wakes up by the reset pin.
1
1
External reset or LVD reset active
Note: Watchdog timer can also be used as a fixed-period timer if the watchdog reset function has been disabled.
CARRY FLAG
C = 1: When executed arithmetic addition with overflow or executed arithmetic subtraction without borrow or executed
rotation instruction with logic “1” shifting out.
C = 0: When executed arithmetic addition without overflow or executed arithmetic subtraction with borrow or executed
rotation instruction with logic “0” shifting out.
DECIMAL CARRY FLAG
DC = 1: If executed arithmetic addition with overflow of low nibble or executed arithmetic subtraction without borrow of
low nibble.
DC = 0: If executed arithmetic addition without overflow of low nibble or executed arithmetic subtraction with borrow of
low nibble.
ZERO FLAG
Z = 1: When the content of ACC or target memory is zero after executing instructions involving a zero flag.
Z = 0: When the content of ACC or target memory is not zero after executing instructions involving a zero flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com