Electronic Components Datasheet Search
  English  ▼

X  

P3041PB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P3041PB
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041PB Datasheet(HTML) 3 Page - NXP Semiconductors

  P3041PB Datasheet HTML 1Page - NXP Semiconductors P3041PB Datasheet HTML 2Page - NXP Semiconductors P3041PB Datasheet HTML 3Page - NXP Semiconductors P3041PB Datasheet HTML 4Page - NXP Semiconductors P3041PB Datasheet HTML 5Page - NXP Semiconductors P3041PB Datasheet HTML 6Page - NXP Semiconductors P3041PB Datasheet HTML 7Page - NXP Semiconductors P3041PB Datasheet HTML 8Page - NXP Semiconductors P3041PB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
P3041 Multicore Processing Options
P3041 QorIQ Communications Processor Product Brief, Rev. 0
Freescale Semiconductor
3
2
P3041 Multicore Processing Options
The four P3041 cores can run either on an OS or run OS-less using a simple scheduler.
2.1
Running on an OS
There are different multi-processing options with the P3041 cores running on an OS:
•
Four-core, asymmetric
— Four copies of the same uni-processor operating system
or
— Up to four different uni-processor operating systems
•
Four-core, symmetric
•
Mixed symmetric and asymmetric For example, N cores running in SMP mode, while the
remainder of the cores operate asymmetrically with up to 4–N different OSes
2.2
Running OS-Less Using a Simple Scheduler
Running one or more cores OS-less using a simple scheduler is a likely use case when cores are performing
datapath operations with bounded real-time requirements. This use case is greatly enhanced by the
provisioning of a 128-Kbyte private back-side CoreNet platform cache (CPC) for each e500mc core.
These caches can operate as a traditional unified cache, or be set to operate as Instruction Only, Data Only,
or even locked and used as memory-mapped SRAM.
CPU cores operating asymmetrically can be run at asynchronous clock rates. Each processor can source
its input clock from one of the multiple PLLs inside the P3041. This allows each core to operate at the
minimum frequency required to perform its assigned function, saving power. The cores are also capable
of running at half and quarter ratios of their input PLL frequency, and can switch between PLLs and ratios
nearly instantaneously. This allows lightly utilized CPUs to be slowed (under software control) for power
savings, rather than performing more complex task migration operations.
2.3
DPAA Multicore Processing Use Cases
Figure 3 shows several multicore processing use cases and the potential interaction with the Data Path
Acceleration Architecture (DPAA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com