Electronic Components Datasheet Search
  English  ▼

X  

P3041PB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P3041PB
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041PB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P3041PB Datasheet HTML 3Page - NXP Semiconductors P3041PB Datasheet HTML 4Page - NXP Semiconductors P3041PB Datasheet HTML 5Page - NXP Semiconductors P3041PB Datasheet HTML 6Page - NXP Semiconductors P3041PB Datasheet HTML 7Page - NXP Semiconductors P3041PB Datasheet HTML 8Page - NXP Semiconductors P3041PB Datasheet HTML 9Page - NXP Semiconductors P3041PB Datasheet HTML 10Page - NXP Semiconductors P3041PB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
P3041 Features
P3041 QorIQ Communications Processor Product Brief, Rev. 0
Freescale Semiconductor
7
— CoreNet fabric supporting coherent and non-coherent transactions with prioritization and
bandwidth allocation amongst CoreNet end-points
— Queue manager fabric supporting packet-level queue management and quality of service
scheduling
•
One 64-bit DDR3/3L SDRAM memory controller with ECC and chip-select interleaving support
•
Data Path Acceleration Architecture (DPAA) incorporating acceleration for the following
functions:
— Frame management for packet parsing, classification, and distribution
— Queue management for scheduling, packet sequencing, and congestion management
— Hardware buffer management for buffer allocation and de-allocation
— Encryption/decryption (SEC 4.2)
— RegEx pattern matching (PME 2.1)
— RapidIO™ messaging manager (RMan)
•
Ethernet interfaces
— One 10 Gbps Ethernet (XAUI) controller
— Five 1 Gbps or four 2.5 Gbps Ethernet controllers
•
High speed peripheral interfaces
— Four PCI Express 2.0 controllers/ports running at up to 5 GHz
— Two Serial RapidIO® controllers/ports (version 1.3 with features of 2.1) running at up to
5 GHz
– RapidIO message manager (RMan) with Type 5–6 and Type 8–11 support
— Dual SATA 2.0 interfaces
•
Additional peripheral interfaces
— Two USB 2.0 controllers with integrated PHY
— SD/MMC controller (eSDHC)
— Enhanced SPI controller
— Four I2C controllers
— Dual DUARTs
— Dual SATA supporting 1.5 and 3.0 Gb/s operation
•
18 SerDes lanes to 5 GHz
•
Enhanced local bus controller (eLBC)
•
Multicore programmable interrupt controller (MPIC)
•
Two 4-channel DMA engines
3.3
P3041 Benefits
The P3041’s e500mc cores can be combined as a fully-symmetric, multi-processing, system-on-a-chip, or
they can be operated with varying degrees of independence to perform asymmetric multi-processing. Full
processor independence, including the ability to independently boot and reset each e500mc core, is a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com