Electronic Components Datasheet Search
  English  ▼

X  

P3041PB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P3041PB
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041PB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P3041PB Datasheet HTML 4Page - NXP Semiconductors P3041PB Datasheet HTML 5Page - NXP Semiconductors P3041PB Datasheet HTML 6Page - NXP Semiconductors P3041PB Datasheet HTML 7Page - NXP Semiconductors P3041PB Datasheet HTML 8Page - NXP Semiconductors P3041PB Datasheet HTML 9Page - NXP Semiconductors P3041PB Datasheet HTML 10Page - NXP Semiconductors P3041PB Datasheet HTML 11Page - NXP Semiconductors P3041PB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
P3041 QorIQ Communications Processor Product Brief, Rev. 0
P3041 Features
Freescale Semiconductor
8
defining characteristic of the P3041. The ability of the cores to run different operating systems, or run
OS-less, provides the user with significant flexibility in partitioning between control, datapath, and
applications processing. It also simplifies consolidation of functions previously spread across multiple
discrete processors onto a single device.
3.4
Data Path Acceleration Architecture (DPAA) Benefits
While the four Power Architecture cores offer a major leap in available processor performance in many
throughput-intensive, packet-processing networking applications, raw processing power is not enough to
achieve multi-Gbps data rates. To address this, the P3041 uses Freescale’s Data Path Acceleration
Architecture (DPAA) (see Section 3.11, “Data Path Acceleration Architecture (DPAA)”), which
significantly reduces data plane instructions per packet, enabling more CPU cycles to work on value-added
services rather than repetitive low-level tasks. Combined with specialized accelerators for cryptography
and pattern matching, the P3041 allows the user’s software to perform complex packet processing at high
data rates.
3.5
P3041 Critical Performance Parameters
Table 1 lists key performance indicators that define a set of values used to measure P3041 operation.
Table 1. P3041 Critical Performance Parameters
Indicator
Values(s)
Top speed bin e500mc
core frequency
1.5 GHz
Maximum memory data
rates
1.3 GHz (DDR3/3L)1
• 1.5-V for DDR3
• 1.35-V for DDR3L
Notes:
1 Conforms to JEDEC standard
Local bus
• 3.3 V
• 2.5 V
•1.8 V
Operating junction
temperature range
0–105 C with the option for –40 to 105 C
Package
• 1295-pin FC-PBGA (flip-chip plastic ball grid array)
• Pin-compatible with P4040, P4080, P5010, and P5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com