Electronic Components Datasheet Search
  English  ▼

X  

P3041PB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # P3041PB
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041PB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button P3041PB Datasheet HTML 9Page - NXP Semiconductors P3041PB Datasheet HTML 10Page - NXP Semiconductors P3041PB Datasheet HTML 11Page - NXP Semiconductors P3041PB Datasheet HTML 12Page - NXP Semiconductors P3041PB Datasheet HTML 13Page - NXP Semiconductors P3041PB Datasheet HTML 14Page - NXP Semiconductors P3041PB Datasheet HTML 15Page - NXP Semiconductors P3041PB Datasheet HTML 16Page - NXP Semiconductors P3041PB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
P3041 Features
P3041 QorIQ Communications Processor Product Brief, Rev. 0
Freescale Semiconductor
13
3.9
Universal Serial Bus (USB) 2.0
The two USB 2.0 controllers with integrated PHY provide point-to-point connectivity complying with the
USB specification, Rev. 2.0. Each USB controller can be configured to operate as a stand-alone host, and
USB #2 can be configured as a stand-alone device, or with both host and device functions operating
simultaneously.
Key features of the USB 2.0 controller include the following:
•
Complies with USB specification, Rev. 2.0
•
Supports high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) operations
•
Supports the required signaling for the USB transceiver macrocell interface (UTMI).The PHY
interfacing to the UTMI is an internal PHY.
•
Both controllers support operation as a stand-alone USB host controller
— Support USB root hub with one downstream-facing port
— Enhanced host controller interface (EHCI)-compatible
•
One controller supports operation as a stand-alone USB device
— Supports one upstream-facing port
— Supports six programmable USB endpoints
The host and device functions are both configured to support all four USB transfer types:
•
Bulk
•
Control
•
Interrupt
•
Isochronous
3.10
High-Speed Peripheral Interface Complex
All high-speed peripheral interfaces connect via 18 lanes of 5-GHz SerDes to a common crossbar switch
referred to as OCeaN. Two high-speed I/O interface standards are supported: PCI Express (PCIe), and
Serial RapidIO (sRIO). The P3041 integrates the following:
•
Four PCIe controllers
•
Two Serial RapidIO controllers
•
RapidIO message manager (RMan).
3.10.1
PCI Express Controllers
Each of the four PCIe interfaces is compliant with the PCI Express Base Specification Revision 2.0. Key
features of the PCIe interface include the following:
•
Power-on reset configuration options allow root complex or endpoint functionality.
•
The physical layer operates at 2.5 or 5 Gbaud data rate per lane.
•
Receive and transmit ports operate independently, with an aggregate theoretical bandwidth of 32
Gbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com