Electronic Components Datasheet Search
  English  ▼

X  

P3041PB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # P3041PB
Description  P3041 QorIQ Communications Processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P3041PB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button P3041PB Datasheet HTML 8Page - NXP Semiconductors P3041PB Datasheet HTML 9Page - NXP Semiconductors P3041PB Datasheet HTML 10Page - NXP Semiconductors P3041PB Datasheet HTML 11Page - NXP Semiconductors P3041PB Datasheet HTML 12Page - NXP Semiconductors P3041PB Datasheet HTML 13Page - NXP Semiconductors P3041PB Datasheet HTML 14Page - NXP Semiconductors P3041PB Datasheet HTML 15Page - NXP Semiconductors P3041PB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
P3041 QorIQ Communications Processor Product Brief, Rev. 0
P3041 Features
Freescale Semiconductor
12
•
Releases CPU 0 from reset, allowing the boot processes to begin from fast system memory.
The nonvolatile memory interfaces accessible by the PBL are as follows:
•
The eLBC may be accessed by software running on the CPUs following boot; it is not dedicated to
the PBL. It also can be used for both volatile (SRAM) and nonvolatile memory as well as a control
and low-performance data port for external memory-mapped devices. See Section 3.8.2.1,
“Enhanced Local Bus Controllers (eLBC).”
•
The serial memory controllers may be accessed by software running on the CPUs following boot;
they are not dedicated to the PBL. See Section 3.8.2.2, “Serial Memory Controllers.”
3.8.2.1
Enhanced Local Bus Controllers (eLBC)
The enhanced local bus controller (eLBC) port connects to a variety of external memories, DSPs, and
ASICs.
Key features of the eLBC include the following:
•
Multiplexed 32-bit address and 32-bit data bus operating at up to 93 MHz
•
Eight chip selects for eight external slaves
•
Up to eight-beat burst transfers
•
8-, 16-, or 32-bit port sizes controlled by an internal memory controller
•
Three protocol engines on a per-chip-select basis
•
Parity support
•
Default boot ROM chip select with configurable bus width (8-, 16-, or 32-bit)
•
Support for parallel NAND and NOR flash
Three separate state machines share the same external pins and can be programmed separately to access
different types of devices. Some examples are as follows:
•
The general-purpose chip-select machine (GPCM) controls accesses to asynchronous devices
using a simple handshake protocol.
•
The user-programmable machine (UPM) can be programmed to interface to synchronous devices
or custom ASIC interfaces.
•
The NAND flash control machine (FCM) further extends interface options.
•
Each chip select can be configured so that the associated chip interface is controlled by the GPCM,
UPM, or FCM controller.
All controllers can be enabled simultaneously. The eLBC internally arbitrates among the controllers,
allowing each to read or write a limited amount of data before allowing another controller to use the bus.
3.8.2.2
Serial Memory Controllers
In addition to the parallel NAND and NOR flash supported by means of the eLBC, the P3041 supports
serial flash using SPI and SD/MMC card interfaces. The SD/MMC controller includes a DMA engine,
allowing it to move data from serial flash to external or internal memory following straightforward
initiation by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com