Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4637
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 1 Page - Analog Devices

  LTM4637 Datasheet HTML 1Page - Analog Devices LTM4637 Datasheet HTML 2Page - Analog Devices LTM4637 Datasheet HTML 3Page - Analog Devices LTM4637 Datasheet HTML 4Page - Analog Devices LTM4637 Datasheet HTML 5Page - Analog Devices LTM4637 Datasheet HTML 6Page - Analog Devices LTM4637 Datasheet HTML 7Page - Analog Devices LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTM4638
1
Rev. C
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
20VIN, 15A Step-Down DC/DC
µModule Regulator
The LTM®4638 is a complete 15A step-down switch-
ing mode µModule (power module) regulator in a tiny
6.25mm × 6.25mm × 5.02mm BGA package. Included
in the package are the switching controller, power FETs,
inductor and support components. Operating over an
input voltage range of 3.1V to 20V, the LTM4638 sup-
ports an output voltage range of 0.6V to 5.5V, set by a
single external resistor. Its high efficiency design delivers
up to 15A continuous output current. Only bulk input and
outputcapacitorsareneeded.TheLTM4638productvideo
is available on the website.
The LTM4638 supports selectable discontinuous mode
operation and output voltage tracking for supply rail se-
quencing. Its high switching frequency and current mode
control enable a very fast transient response to line and
load changes without sacrificing stability.
Fault protection features include overvoltage, overcurrent
and overtemperature protection.
The LTM4638 is available with SnPb or RoHS compliant
terminal finish.
15A, 1.0V Output DC/DC µModule® Step-Down Regulator
1.0V Output Efficiency vs Load Current
APPLICATIONS
n
Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n
6.25mm × 6.25mm × 5.02mm BGA Package
n
Wide Input Voltage Range: 3.1V to 20V
n
0.6V to 5.5V Output Voltage
n
15A DC Output Current
n
±1.5% Maximum Total DC Output Voltage Error
Over Line, Load and Temperature
n
Differential Remote Sensing Amp
n
Current Mode Control, Fast Transient Response
n
External Frequency Synchronization
n
Multiphase Parallel Current Sharing with
Multiple LTM4638s
n
Output Voltage Tracking
n
Selectable Discontinuous Mode
n
Power Good Indicator
n
Overvoltage, Overcurrent and Overtemperature
Protection
n
Telecom, Datacom, Networking and
Industrial Equipment
n
Medical Diagnostic Equipment
n
Data Storage Rack Units and Cards
n
Test and Debug Systems
All registered trademarks and trademarks are the property of their respective owners.
90.9k
4638 TA01a
22µF
25V
VIN
3.1V TO 20V
VOUT
1.0V
15A
100µF
6.3V
x2
0.1µF
VIN
RUN
INTVCC
MODE/CLKIN
TRACK/SS
FREQ
VOUT
VOSNS+
PHMODE CLKOUT
PGOOD
COMPa
COMPb
FB
GND
LTM4638
VOSNS–
LOAD CURRENT (A)
0
80
85
90
15
4638 TA01b
75
3
6
9
12
70
95
VIN = 5V, 600kHz
VIN = 12V, 600kHz
Document Feedback
Click to view associated Video Design Idea.


Similar Part No. - LTM4637

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4637 LINER-LTM4637 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4637 LINER-LTM4637 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4637 LINER-LTM4637 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4637 LINER-LTM4637 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
More results

Similar Description - LTM4637

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com