Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 29 Page - Analog Devices

Part # LTM4637
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTM4637 Datasheet HTML 22Page - Analog Devices LTM4637 Datasheet HTML 23Page - Analog Devices LTM4637 Datasheet HTML 24Page - Analog Devices LTM4637 Datasheet HTML 25Page - Analog Devices LTM4637 Datasheet HTML 26Page - Analog Devices LTM4637 Datasheet HTML 27Page - Analog Devices LTM4637 Datasheet HTML 28Page - Analog Devices LTM4637 Datasheet HTML 29Page - Analog Devices LTM4637 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LTM4638
29
Rev. C
For more information www.analog.com
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
08/19
Added LTM4638IY to Order Information
Added Temperature Monitoring
2
17, 18
B
11/19
Updated Peak Solder Reflow Body Temperature to 250°C
Updated Package Thermal Resistance
Changed RUN Threshold to 1.25V
Updated Coefficient in Frequency Equation to 1.67e11 from 1.6e11
2
2
8, 15
12
C
01/21
Change text from PNP to NPN on TSENSE+.
Added TSENSE+ and TSENSE– on Block Diagram.
Removed unnecessary symbol from Block Diagram.
8
9
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com