Electronic Components Datasheet Search
  English  ▼

X  

LTM4637 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4637
Description  20VIN, 15A Step-Down DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4637 Datasheet(HTML) 3 Page - Analog Devices

  LTM4637 Datasheet HTML 1Page - Analog Devices LTM4637 Datasheet HTML 2Page - Analog Devices LTM4637 Datasheet HTML 3Page - Analog Devices LTM4637 Datasheet HTML 4Page - Analog Devices LTM4637 Datasheet HTML 5Page - Analog Devices LTM4637 Datasheet HTML 6Page - Analog Devices LTM4637 Datasheet HTML 7Page - Analog Devices LTM4637 Datasheet HTML 8Page - Analog Devices LTM4637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTM4638
3
Rev. C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 12V per the typical application shown on the
front page.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN
Input DC Voltage
l
3.1
20
V
VOUT
Output Voltage Range
l
0.6
5.5
V
VOUT(DC)
Output Voltage, Total
Variation with Line and Load
(Note 6)
CIN = 22µF, COUT = 100µF Ceramic, RFB = 40.2k,
MODE = INTVCC, IOUT = 0A to 15A (Note 3)
–40°C to 125°C
l
1.477
1.50
1.523
V
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.25
1.35
V
IQ(VIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, MODE = INTVCC
VIN = 12V, VOUT = 1.5V, MODE = GND
Shutdown, RUN = 0, VIN = 12V
100
18
20
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 15A
2.3
A
IOUT(DC)
Output Continuous Current
Range
VIN = 12V, VOUT = 1.5V
0
15
A
ΔVOUT (Line)/VOUT Line Regulation Accuracy
VOUT = 1.5V, VIN = 3.1V to 20V, IOUT = 0A
l
0.04
0.15
%/V
ΔVOUT (Load)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 15A
l
0.5
1.2
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
5
mV
ΔVOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, No Load, TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V
2.5
ms
ΔVOUTLS
Peak Deviation for Dynamic
Load
Load: 0% to 50% to 0% of Full Load, COUT = 47µF
Ceramic, VIN = 12V, VOUT = 1.5V
160
mV
tSETTLE
Settling Time for Dynamic
Load Step
Load: 0% to 50% to 0% of Full Load, COUT = 47µF
Ceramic, VIN = 12V, VOUT = 1.5V
40
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
18
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.594
0.60
0.606
V
IFB
Current at FB Pin
(Note 4)
±30
nA
RFBHI
Resistor Between VOUT and
FB Pins
60.05
60.40
60.75
kΩ
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
6
10
µA
VIN(UVLO)
VIN Undervoltage Lockout
VIN Falling
VIN Hysteresis
2.5
2.6
250
2.7
V
mV
tON(MIN)
Minimum On-Time
(Note 4)
25
ns
tOFF(MIN)
Minimum Off-Time
(Note 4)
50
ns
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–12
5
–8
8
–5
12
%
%
IPGOOD
PGOOD Leakage
2
µA
VPGL
PGOOD Voltage Low
IPGOOD = 1mA
0.02
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com